Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4392 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4392
Description  The BlueNRG is a very low power Bluetooth low energy
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4392 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4392 Datasheet HTML 2Page - STMicroelectronics AN4392 Datasheet HTML 3Page - STMicroelectronics AN4392 Datasheet HTML 4Page - STMicroelectronics AN4392 Datasheet HTML 5Page - STMicroelectronics AN4392 Datasheet HTML 6Page - STMicroelectronics AN4392 Datasheet HTML 7Page - STMicroelectronics AN4392 Datasheet HTML 8Page - STMicroelectronics AN4392 Datasheet HTML 9Page - STMicroelectronics AN4392 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Application circuit
AN4392
6/17
DocID025507 Rev 1
3
Application circuit
Figure 2 shows the BlueNRG application board photo. The application is made up of 2
boards: a daughterboard and a motherboard. The daughterboard (Figure 1) holds the
BlueNRG with the circuits necessary for it to function. The Bluetooth Low Energy protocol
stack (GAP, GATT, SM, L2CAP, LL, RF-PHY) is embedded in the device.
For correct functioning, the daughterboard must be plugged into a motherboard (see
Figure 2) by two 5 x 2 header connectors (J6 and J7).
The motherboard includes an STM32L152VBT6 microcontroller to program the transceiver.
The microcontroller is programmed with firmware developed for the BlueNRG application. A
graphical user interface (GUI) is developed to correctly program the BlueNRG.
The daughterboard is equipped with a 16 MHz XTAL to provide the correct oscillator to the
BlueNRG. A low speed crystal oscillator is also mounted on the board and used by the
BlueNRG.
An internal SMPS is present on the BlueNRG to drastically reduce power consumption. The
SMPS is fed from the battery (2.0 V to 3.6 V) and provides a programmable voltage to the
device (1.4 V typically).
An SMA connector is included to connect the board to an antenna or to instrumentation to
verify correct functioning and to verify the FCC standard requests.
A few passive (inductors and capacitors) are used for matching/filtering of the power
amplifier (PA) and balun network for the receiver.
Figure 1. BlueNRG application daughterboard



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com