Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4392 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4392
Description  The BlueNRG is a very low power Bluetooth low energy
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4392 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4392 Datasheet HTML 7Page - STMicroelectronics AN4392 Datasheet HTML 8Page - STMicroelectronics AN4392 Datasheet HTML 9Page - STMicroelectronics AN4392 Datasheet HTML 10Page - STMicroelectronics AN4392 Datasheet HTML 11Page - STMicroelectronics AN4392 Datasheet HTML 12Page - STMicroelectronics AN4392 Datasheet HTML 13Page - STMicroelectronics AN4392 Datasheet HTML 14Page - STMicroelectronics AN4392 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
DocID025507 Rev 1
11/17
AN4392
Transmitter parameter
17
Figure 7. Tx spurious emission in range from 2483 to 2496.5 MHz
Figure 8. Tx spurious emission in range greater than 2496.5 MHz
4.4
Maximum frequency bandwidth
For spread spectrum systems, the spreading bandwidth shall be 500 kHz or more.
The BlueNRG shows a value equal to 817.6 kHz.
AM18312v1
-60
-50
-40
-30
-20
-10
0
2483
2488
2493
MHz
AM18313v1
-60
-50
-40
-30
-20
-10
0
2496.5
4496.5
6496.5
8496.5
10496.5
12496.5
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com