Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3533 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3533
Description  2A Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3533 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3533 Datasheet HTML 8Page - Linear Technology LTC3533 Datasheet HTML 9Page - Linear Technology LTC3533 Datasheet HTML 10Page - Linear Technology LTC3533 Datasheet HTML 11Page - Linear Technology LTC3533 Datasheet HTML 12Page - Linear Technology LTC3533 Datasheet HTML 13Page - Linear Technology LTC3533 Datasheet HTML 14Page - Linear Technology LTC3533 Datasheet HTML 15Page - Linear Technology LTC3533 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC3533
14
3533f
TYPICAL APPLICATIONS
High Efficiency, High Current LED Driver
1MHz Li-Ion to 3.6V at 2A, Pulsed, with Manual Mode Control
SW1
PVIN
VIN
RUN/SS
RT
SW2
PVOUT
VOUT
FB
VC
BURST
LTC3533
10
µF
VIN
3V TO 4.2V
4.7
µF
ILED = 1A
301k
47pF
100k
100k
1nF
3533 TA02
3.3
µH
44.2k
95.3k
PGND
SGND
ON
OFF
5
36
7
4
9
8
13
14
2
11
10
12
1
SW1
PVIN
VIN
RUN/SS
RT
SW2
PVOUT
VOUT
FB
VC
BURST
LTC3533
10
µF
VIN
3V TO 4.2V
388k
2.2k
200
µF
220pF
VOUT
3.6V AT 2A
200k
15k
470pF
3533 TA03
6.8
µH
64.9k
PGND
SGND
ON
OFF
FIXED
FREQUENCY
BURST
5
36
7
4
9
8
13
14
2
11
10
12
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com