Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3533 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3533
Description  2A Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3533 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3533 Datasheet HTML 2Page - Linear Technology LTC3533 Datasheet HTML 3Page - Linear Technology LTC3533 Datasheet HTML 4Page - Linear Technology LTC3533 Datasheet HTML 5Page - Linear Technology LTC3533 Datasheet HTML 6Page - Linear Technology LTC3533 Datasheet HTML 7Page - Linear Technology LTC3533 Datasheet HTML 8Page - Linear Technology LTC3533 Datasheet HTML 9Page - Linear Technology LTC3533 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC3533
6
3533f
PIN FUNCTIONS
RT (Pin 1): Programs the Frequency of the Internal Oscil-
lator. Connect a resistor from RT to ground.
f(kHz) = 33,170/RT (kΩ)
BURST (Pin 2): Used to set the Automatic Burst Mode
Threshold. Connect a resistor and capacitor in parallel
from this pin to ground. See the Applications Information
section for component value selection. For manual control,
ground the pin to force Burst Mode operation, connect to
VIN to force fixed frequency PWM mode.
SGND (Pin 3): Signal ground for the IC.
SW1 (Pin 4): Switch Pin where Internal Switches A and B
are Connected. Connect inductor from SW1 to SW2. An
optional Schottky diode can be connected from SW1 to
ground for a moderate efficiency improvement. Minimize
trace length to reduce EMI.
PGND1, PGND2 (Pins 5, 6): Power Ground for the Internal
NMOS Power Switches.
SW2 (Pin 7): Switch Pin where Internal Switches C and
D are Connected. An optional Schottky diode can be
connected from SW2 to VOUT for a moderate efficiency
improvement. For applications with output voltages over
4.3V, this Schottky diode is required to ensure the SW2
pin does not exhibit excess voltage. Minimize trace length
to reduce EMI.
VOUT (Pin 8): Voltage Sensing Pin for PVOUT and Input
Supply Pin for Internal Circuitry Powered by PVOUT. A filter
capacitor is placed from VOUT to GND. A ceramic bypass
capacitor is recommended as close to the VOUT and GND
pins as possible.
PVOUT (Pin 9): Output of the Synchronous Rectifier. A
filter capacitor is placed from PVOUT to PGND. A ceramic
bypass capacitor is recommended as close to the PVOUT
and PGND pins as possible.
VIN (Pin 10): Input Supply Pin. Internal VCC for the IC.
PVIN (Pin 11): Power VIN Supply Pin. A 10µF ceramic
capacitor is recommended as close to the PVIN and PGND
pins as possible.
RUN/SS (Pin 12): Combined Enable and Soft-Start. Applied
voltage <0.4V shuts down the IC. Tie to >1.4V to enable
the IC and >1.6V to ensure the error amp is not clamped
from soft-start. An RC from the shutdown command signal
to this pin will provide a soft-start function by limiting the
rise time of VC
FB (Pin 13): Feedback Pin. Connect resistor divider tap
here. The output voltage can be adjusted from 1.8V to
5.25V. The feedback reference voltage is typically 1.22V.
V
RR
R
OUT =
+
122
12
2
.•
VC (Pin 14): Error Amp Output. An R-C network is con-
nected from this pin to FB for loop compensation. Refer
to “Closing the Feedback Loop” section for component
selection guidelines. During Burst Mode operation, VC is
internally connected to a hold circuit.
Exposed Pad (Pin 15): IC Substrate Ground. This pin must
be soldered to the PCB ground to provide both electrical
contact and a good thermal contact to the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com