Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4491 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4491
Description  BlueNRG updater
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4491 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4491 Datasheet HTML 2Page - STMicroelectronics AN4491 Datasheet HTML 3Page - STMicroelectronics AN4491 Datasheet HTML 4Page - STMicroelectronics AN4491 Datasheet HTML 5Page - STMicroelectronics AN4491 Datasheet HTML 6Page - STMicroelectronics AN4491 Datasheet HTML 7Page - STMicroelectronics AN4491 Datasheet HTML 8Page - STMicroelectronics AN4491 Datasheet HTML 9Page - STMicroelectronics AN4491 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Entering updater mode
AN4491
6/18
DocID026337 Rev 1
4
Entering updater mode
The updater can be started in two different ways:
 Through the ACI command, when in normal operation (see Section 6.1: Updater_Start).
 Using the IRQ pin during hardware reset. If the IRQ pin is detected high during BlueNRG
startup (power-up or hardware reset), BlueNRG enters updater mode. The startup phase
of BlueNRG (hardware and firmware) takes about 3 ms. To be sure that IRQ is detected
high during startup, it is recommended to keep it high for at least 4 ms after Reset has
been released.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com