Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4491 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4491
Description  BlueNRG updater
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4491 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4491 Datasheet HTML 10Page - STMicroelectronics AN4491 Datasheet HTML 11Page - STMicroelectronics AN4491 Datasheet HTML 12Page - STMicroelectronics AN4491 Datasheet HTML 13Page - STMicroelectronics AN4491 Datasheet HTML 14Page - STMicroelectronics AN4491 Datasheet HTML 15Page - STMicroelectronics AN4491 Datasheet HTML 16Page - STMicroelectronics AN4491 Datasheet HTML 17Page - STMicroelectronics AN4491 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Updater commands
AN4491
14/18
DocID026337 Rev 1
Event(s) generated:
The controller will generate a command complete event.
6.10
Updater_CalculateCRC
Description:
It calculates the CRC32 of one or more Flash sectors. One Flash sector is 2 KB (see also
Section 2).
Table 22. Updater_ReadDataBlock return parameters
Parameter
Size
Description
Status
1 byte
0x00: BLE_STATUS_SUCCESS
0x12: Invalid HCI parameters
This may happen if there is an attempt to read outside the
allowed range
Data
0-N bytes
Data read
Table 23. Updater_CalculateCRC
Command name
Parameters
Return
Updater_CalculateCRC (0xFC29)
Base Address
Number of Sectors
Status
CRC Value
Table 24. Updater_CalculateCRC command parameters
Parameter
Size
Description
Address
4 bytes
Base address of the sector to calculate CRC
Sector 0: 0x10010000
Sector 1: 0x10010800
Sector 2: 0x10011000
Sector 3: 0x10011800
Sector 4: 0x10012000
Sector 5: 0x10012800
...
Sector 30: 0x1001F000
Sector 31: 0x1001F800
Sector 32: 0x10020000 (IFR sector)
Only the values listed here are allowed. Other values will be
rejected.
Number of Sectors
1 byte
Number of continuous Flash sectors to be calculated.
Should be between 1 and 32.
E.g. if the base address is 0x10011000, and the number of
sectors is 3, it will calculate the 6 KB address starting from
0x10011000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com