Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4515 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4515
Description  Maximizing power efficiency using STM32F411xx Batch Acquisition Mode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4515 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4515 Datasheet HTML 3Page - STMicroelectronics AN4515 Datasheet HTML 4Page - STMicroelectronics AN4515 Datasheet HTML 5Page - STMicroelectronics AN4515 Datasheet HTML 6Page - STMicroelectronics AN4515 Datasheet HTML 7Page - STMicroelectronics AN4515 Datasheet HTML 8Page - STMicroelectronics AN4515 Datasheet HTML 9Page - STMicroelectronics AN4515 Datasheet HTML 10Page - STMicroelectronics AN4515 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
DocID026482 Rev 1
7/24
AN4515
Application Overview
23
Figure 2. Batch Acquisition Mode use case
1.3.3
How to implement BAM
When the BAM is enabled, the Flash memory is switched off by setting the FMSSR and
FISSR bits in PWR_CR register. These bits cannot be set while executing the program from
Flash memory. This can be done through a specific routine executed from RAM (see
Figure 3, Figure 4 and Figure 5 for a description).
Three methods can be used to implement the BAM. Each approach depends on user
application:
•
Executing Interrupts from RAM
•
Executing Interrupts from Flash memory
•
Using events to wake up the CPU
Executing interrupts from RAM
This is the approach used in the application note use case (see Figure 3). The device is
woken up from Sleep by an interrupt. The user application has therefore to store the
required ISRs and the vector table in the RAM so that it is immediately executed from the
RAM when the interrupt occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com