Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4515 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4515
Description  Maximizing power efficiency using STM32F411xx Batch Acquisition Mode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4515 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4515 Datasheet HTML 13Page - STMicroelectronics AN4515 Datasheet HTML 14Page - STMicroelectronics AN4515 Datasheet HTML 15Page - STMicroelectronics AN4515 Datasheet HTML 16Page - STMicroelectronics AN4515 Datasheet HTML 17Page - STMicroelectronics AN4515 Datasheet HTML 18Page - STMicroelectronics AN4515 Datasheet HTML 19Page - STMicroelectronics AN4515 Datasheet HTML 20Page - STMicroelectronics AN4515 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
DocID026482 Rev 1
17/24
AN4515
Application note use case
23
2.3
Functional description
The principle of this use case is summarized in the state machine shown in Figure 12.
Figure 12. Use case state machine
The main steps of the application use case are the following:
1.
The master and the sensor are powered on. By default the system is in STDBY state
(Standby mode).
2.
The user starts running the application by pushing the user button (PA0 on
32F401CDISCOVERY board).The CPU goes to SLEEP1 state while a DMA transfers
startup message is displayed via USART2 and USB virtual comport.
3.
When DMA transfers are complete, the CPU wakes up from SLEEP1 and enters STOP
waiting for the user to read the configuration menu below (see Figure 13):
1: Flash active while CPU in sleep: Flash memory is running
2: Stop Flash while CPU in sleep: this configuration brings out the BAM feature.
3: Enable Time Stamp and Flash active while CPU in sleep: this option is used to
track the different application state consumptions with using the period of each state
displayed in timestamp log.
4: Enable Time Stamp and stop Flash while CPU in sleep: this option allows
benefiting both from the second and third configurations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com