Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1024 Datasheet(PDF) 4 Page - Lattice Semiconductor

Part # 1024
Description  In-System Programmable High Density PLD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

1024 Datasheet(HTML) 4 Page - Lattice Semiconductor

  1024 Datasheet HTML 1Page - Lattice Semiconductor 1024 Datasheet HTML 2Page - Lattice Semiconductor 1024 Datasheet HTML 3Page - Lattice Semiconductor 1024 Datasheet HTML 4Page - Lattice Semiconductor 1024 Datasheet HTML 5Page - Lattice Semiconductor 1024 Datasheet HTML 6Page - Lattice Semiconductor 1024 Datasheet HTML 7Page - Lattice Semiconductor 1024 Datasheet HTML 8Page - Lattice Semiconductor 1024 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Specifications ispLSI 1024/883
4
Switching Test Conditions
Input Pulse Levels
GND to 3.0V
Input Rise and Fall Time
≤ 3ns 10% to 90%
Input Timing Reference Levels
1.5V
Output Timing Reference Levels
1.5V
Output Load
See figure 2
3-state levels are measured 0.5V from steady-state
active level.
Table 2- 0003
DC Electrical Characteristics
Over Recommended Operating Conditions
0.4
–
-10
10
-150
-150
-200
215
VOL
VOH
IIL
IIH
IIL-isp
IIL-PU
IOS1
ICC2,4
I
OL =8 mA
I
OH =-4 mA
0V
≤ V
IN ≤ VIL (MAX.)
3.5V
≤ V
IN ≤ VCC
0V
≤ V
IN ≤ VIL (MAX.)
0V
≤ V
IN ≤ VIL
V
CC = 5V, VOUT = 0.5V
V
IL = 0.5V, VIH = 3.0V
f
TOGGLE = 1 MHz
–
–
–
–
–
–
–
135
–
2.4
–
–
–
–
–
–
CONDITION
PARAMETER
SYMBOL
MIN.
MAX.
Output Low Voltage
Output High Voltage
Input or I/O Low Leakage Current
Input or I/O High Leakage Current
isp Input Low Leakage Current
I/O Active Pull-Up Current
Output Short Circuit Current
Operating Power Supply Current
UNITS
TYP. 3
V
V
µA
µA
µA
µA
mA
mA
1. One output at a time for a maximum duration of one second. V
out = 0.5V was selected to avoid test problems by tester ground
degradation. Characterized but not 100% tested.
2. Measured using six 16-bit counters.
3. Typical values are at V
CC = 5V and TA = 25
oC.
4. Maximum I
CC varies widely with specific device configuration and operating frequency. Refer to the Power Consumption sec-
tion of this datasheet and Thermal Management section of the Lattice Semiconductor Data Book or CD-ROM to estimate maximum
I
CC.
0007A-24 mil
Figure 2. Test Load
+ 5V
R1
R2
CL*
Device
Output
Test
Point
*CL includes Test Fixture and Probe Capacitance.
Output Load Conditions (see figure 2)
Test Condition
R1
R2
CL
A
470
Ω
390
Ω
35pF
B
Active High
390
Ω
35pF
Active Low
470
Ω
390
Ω
35pF
Active High to Z
390
Ω
5pF
Cat V
OH - 0.5V
Active Low to Z
470
Ω
390
Ω
5pF
at V
OL + 0.5V
∞
∞
Table 2- 0004A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com