Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1024 Datasheet(PDF) 1 Page - Lattice Semiconductor

Part # 1024
Description  In-System Programmable High Density PLD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

1024 Datasheet(HTML) 1 Page - Lattice Semiconductor

  1024 Datasheet HTML 1Page - Lattice Semiconductor 1024 Datasheet HTML 2Page - Lattice Semiconductor 1024 Datasheet HTML 3Page - Lattice Semiconductor 1024 Datasheet HTML 4Page - Lattice Semiconductor 1024 Datasheet HTML 5Page - Lattice Semiconductor 1024 Datasheet HTML 6Page - Lattice Semiconductor 1024 Datasheet HTML 7Page - Lattice Semiconductor 1024 Datasheet HTML 8Page - Lattice Semiconductor 1024 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ispLSI ® 1024/883
In-System Programmable High Density PLD
1
1024MIL_01
Features
• HIGH-DENSITY PROGRAMMABLE LOGIC
— High-Speed Global Interconnect
— 4000 PLD Gates
— 48 I/O Pins, Six Dedicated Inputs
— 144 Registers
— Wide Input Gating for Fast Counters, State
Machines, Address Decoders, etc.
— Small Logic Block Size for Fast Random Logic
— Security Cell Prevents Unauthorized Copying
• HIGH PERFORMANCE E2CMOS® TECHNOLOGY
—
fmax = 60 MHz Maximum Operating Frequency
—
tpd = 20 ns Propagation Delay
— TTL Compatible Inputs and Outputs
— Electrically Erasable and Reprogrammable
— Non-Volatile E2CMOS Technology
— 100% Tested
• IN-SYSTEM PROGRAMMABLE
— In-System Programmable™ (ISP™) 5-Volt Only
— Increased Manufacturing Yields, Reduced Time-to-
Market, and Improved Product Quality
— Reprogram Soldered Devices for Faster Debugging
• COMBINES EASE OF USE AND THE FAST SYSTEM
SPEED OF PLDs WITH THE DENSITY AND FLEX-
IBILITY OF FIELD PROGRAMMABLE GATE ARRAYS
— Complete Programmable Device Can Combine Glue
Logic and Structured Designs
— Four Dedicated Clock Input Pins
— Synchronous and Asynchronous Clocks
— Flexible Pin Placement
— Optimized Global Routing Pool Provides Global
Interconnectivity
• ispDesignEXPERT™ – LOGIC COMPILER AND COM-
PLETE ISP DEVICE DESIGN SYSTEMS FROM HDL
SYNTHESIS THROUGH IN-SYSTEM PROGRAMMING
— Superior Quality of Results
— Tightly Integrated with Leading CAE Vendor Tools
— Productivity Enhancing Timing Analyzer, Explore
Tools, Timing Simulator and ispANALYZER™
— PC and UNIX Platforms
unctional
Block Diagram
Output Routing Pool
CLK
B0 B1 B2 B3 B4 B5 B6 B7
A0
A1
A2
A3
A4
A5
A6
A7
C7
C6
C5
C4
C3
C2
C1
C0
Global Routing Pool (GRP)
Logic
Array
DQ
DQ
DQ
DQ
GLB
0139-A-isp
Description
The ispLSI 1024/883 is a High-Density Programmable
Logic Device processed in full compliance to MIL-STD-
883. This military grade device contains 144 Registers,
48 Universal I/O pins, six Dedicated Input pins, four
Dedicated Clock Input pins and a Global Routing Pool
(GRP). The GRP provides complete interconnectivity
between all of these elements. The ispLSI 1024/883
features 5-Volt in-system programmability and in-system
diagnostic capabilities. It is the first device which offers
non-volatile reprogrammability of the logic, as well as the
interconnect to provide truly reconfigurable systems.
The basic unit of logic on the ispLSI 1024/883 device is
the Generic Logic Block (GLB). The GLBs are labeled A0,
A1 .. C7 (see figure 1). There are a total of 24 GLBs in the
ispLSI 1024/883 device. Each GLB has 18 inputs, a
programmable AND/OR/XOR array, and four outputs
which can be configured to be either combinatorial or
registered. Inputs to the GLB come from the GRP and
dedicated inputs. All of the GLB outputs are brought back
into the GRP so that they can be connected to the inputs
of any other GLB on the device.
Copyright © 2000 Lattice Semiconductor Corp. All brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject
to change without notice.
LATTICE SEMICONDUCTOR CORP., 5555 Northeast Moore Ct., Hillsboro, Oregon 97124, U.S.A.
September 2000
Tel. (503) 268-8000; 1-800-LATTICE; FAX (503) 268-8556; http://www.latticesemi.com
Functional Block Diagram


Similar Part No. - 1024

ManufacturerPart #DatasheetDescription
logo
Time Electronics Ltd.
1024 TIME-ELECTRONICS-1024 Datasheet
294Kb / 2P
1024 DC Current Calibrator
04/22
logo
List of Unclassifed Man...
10240 ETC2-10240 Datasheet
216Kb / 1P
Micastat Dissipative Laminate
logo
Heyco.
10240 HEYCO-10240 Datasheet
115Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
3M Electronics
10240-0210EC 3M-10240-0210EC Datasheet
32Kb / 2P
050, Mini D Ribbon (MDR) Connectors
19-Feb-1999
10240-0210EC 3M-10240-0210EC Datasheet
449Kb / 3P
3M Mini D Ribbon (MDR) Connectors
08-Feb-2005
More results

Similar Description - 1024

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
1024EA LATTICE-1024EA Datasheet
162Kb / 13P
In-System Programmable High Density PLD
1032 LATTICE-1032 Datasheet
151Kb / 12P
In-System Programmable High Density PLD
1032EA LATTICE-1032EA Datasheet
198Kb / 16P
In-System Programmable High Density PLD
1048C LATTICE-1048C Datasheet
185Kb / 12P
In-System Programmable High Density PLD
1048EA LATTICE-1048EA Datasheet
182Kb / 14P
In-System Programmable High Density PLD
ISPLSI3448 LATTICE-ISPLSI3448 Datasheet
173Kb / 14P
In-System Programmable High Density PLD
ISPLSI1016EA LATTICE-ISPLSI1016EA_07 Datasheet
207Kb / 13P
In-System Programmable High Density PLD
ISPLSI1016E LATTICE-ISPLSI1016E_06 Datasheet
269Kb / 13P
In-System Programmable High Density PLD
ISPLSI1048E LATTICE-ISPLSI1048E_06 Datasheet
287Kb / 17P
In-System Programmable High Density PLD
ISPLSI3256E LATTICE-ISPLSI3256E Datasheet
251Kb / 15P
In-System Programmable High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com