Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN1171 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TN1171
Description  Description of UFDFPN5, UFDFPN8 and WFDFPN8 for STMicroelectronics EEPROMs and recommendations for use
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN1171 Datasheet(HTML) 4 Page - STMicroelectronics

  TN1171 Datasheet HTML 1Page - STMicroelectronics TN1171 Datasheet HTML 2Page - STMicroelectronics TN1171 Datasheet HTML 3Page - STMicroelectronics TN1171 Datasheet HTML 4Page - STMicroelectronics TN1171 Datasheet HTML 5Page - STMicroelectronics TN1171 Datasheet HTML 6Page - STMicroelectronics TN1171 Datasheet HTML 7Page - STMicroelectronics TN1171 Datasheet HTML 8Page - STMicroelectronics TN1171 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Overview
TN1171
4/26
DocID026092 Rev 3
1
Overview
The DFN is available in 3 formats.
The smallest being the UFDFPN5 (5 leads) with body size of 1.7x1.4 mm and body
thickness is 0.55 mm.
The consumer one UFDFPN8 (8 leads) with body size of 2.0x3.0 mm and body thickness is
0.55 mm.
The automotive one WFDFPN8 (8 leads) with body size of 2.0x3.0 mm and body thickness
is 0.75 mm.
UFDFPN8/WFDFPN8 comply with Jedec Outline MO-229.
The DFN family has been designed to fulfill the same quality levels and same reliability
performance as standard semiconductor plastic packages. As a consequence these DFN
can be considered as standard surface mount devices which are assembled on a printed
circuit board (PCB) without any special or additional process steps.
Only Lead-free RoHS / Halogen Free compliant DFN are available in mass production.
Figure 1. UFDFPN5
Figure 2. UFDFPN8/WFDFPN8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com