Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN1176 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TN1176
Description  To ease the development of STM32 microcontroller applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN1176 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TN1176 Datasheet HTML 2Page - STMicroelectronics TN1176 Datasheet HTML 3Page - STMicroelectronics TN1176 Datasheet HTML 4Page - STMicroelectronics TN1176 Datasheet HTML 5Page - STMicroelectronics TN1176 Datasheet HTML 6Page - STMicroelectronics TN1176 Datasheet HTML 7Page - STMicroelectronics TN1176 Datasheet HTML 8Page - STMicroelectronics TN1176 Datasheet HTML 9Page - STMicroelectronics TN1176 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Peripheral migration
TN1176
6/15
DocID026267 Rev 1
3
Peripheral migration
Table 4 and Table 5 list the main product peripherals and system features for both product
pairs. The common peripherals are supported with the dedicated firmware library without
any modification. The users can change the instance and all the related features (clock
configuration, pin configuration, interrupt/DMA request).
Peripherals such as Touch sensing, Backup registers are different in the STM32L15xx6/8/B
device and must be updated by software to benefit from the latest enhancements and
correct functionality of STM32L15xx6/8/B-A device.
The extended peripherals such as: RTC, LCD rail decoupling, PCROP (Proprietary code
read out protection), clock (CSS on LSE) are fully backward compatible with no need to
firmware update.
The main peripherals changes are described in Section 3.1: Main peripheral/system
changes. The changes which are also needed in the development tools configuration are
described in Section 4: Development tool adaptations.
Table 4 presents the differences between STM32L15xx6/8/B and STM32L15xx6/8/B-A
devices regarding the peripherals and system differences, as well as the impact to needed
software changes. The differences are highlighted in gray.
Table 4. STM32L15xx6/8/B and STM32L15xx6/8/B-A device difference summary(1)
Function
STM32L15xx6/8/B
STM32L15xx6/8/B-A
Behavior / impact to software
Core @ 32MHz
ARM CortexTM-M3
ARM CortexTM-M3
Max DMIPS/MHz
1.25
1.25
Flash [KB]
up to 128
up to 128
RAM [KB]
up to 16
up to 32
Enhancement. the application can
use larger RAM memory space.
EEPROM [KB]
44
Backup registers
[B]
80
20
Software can store only up to
20 bytes into backup registers. See
STM32L15xx6/8/B-A errata sheet for
details.
Flash interface
[bits]
64/32
64/32
Bootloader
USART1/2
USART1/2
DMA / channels
1 / 7ch
1 / 7ch
USART
33
SPI / I2S
2 / 0
2 / 0
I2C
22
USB 2.0
1 x FS
1 x FS
LCD [seg x com]
8 x 40
8 x 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com