Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN1176 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TN1176
Description  To ease the development of STM32 microcontroller applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN1176 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TN1176 Datasheet HTML 4Page - STMicroelectronics TN1176 Datasheet HTML 5Page - STMicroelectronics TN1176 Datasheet HTML 6Page - STMicroelectronics TN1176 Datasheet HTML 7Page - STMicroelectronics TN1176 Datasheet HTML 8Page - STMicroelectronics TN1176 Datasheet HTML 9Page - STMicroelectronics TN1176 Datasheet HTML 10Page - STMicroelectronics TN1176 Datasheet HTML 11Page - STMicroelectronics TN1176 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Peripheral migration
TN1176
8/15
DocID026267 Rev 1
Table 5. STM32L100x6/8/B-A and STM32L100x6/8/B device difference summary(1)
Function
STM32L100x6/8/B
STM32L100x6/8/B-A
Behavior / impact to software
Core @ 32MHz
ARM CortexTM-M3
ARM CortexTM-M3
Max DMIPS/MHz
1.25
1.25
Flash [KB]
up to 128
up to 128
RAM [KB]
up to 10
up to 16
Enhancement: the application can
use larger RAM memory space.
EEPROM [KB]
22
Backup registers
[B]
20
20
Flash interface
[bits]
64/32
64/32
Bootloader
USART1/2
USART1/2
DMA / channels
1 / 7ch
1 / 7ch
USART
33
SPI / I2S
2 / 0
2 / 0
I2C
22
USB 2.0
1 x FS
1 x FS
LCD [seg x com]
8 x 28
8 x 28
LCD rails
decoupling
NO
YES
Better LCD contrast for larger
displays (if used external LCD rails
decoupling capacitors). If not used no
software change is required.
TIMER
[32-bit/16-bit/Lite]
0/6/2
0/6/2
IWDG/WWDG
1/1
1/1
Clock
HSI/HSE/LSI/LSE
CSS on HSE
HSI/HSE/LSI/LSE
CSS on HSE/LSE
Extension of CSS to LSE. Backward
compatible. If not used then no
software change is needed.
HSI/HSI clock
trimming
Trimming by customer
(default +/- 10%)
Trimming by customer
(default +/- 10%)
RTC version
RTC V1.0
RTC V2.0
New RTC as in whole L1 family - with
subsecond resolution. If not used
then no software change is needed.
DAC
22
ADC (total / fast
channels)
1 (24 / 6)
1 (24 / 6)
Comparator
22
Touch sensing
[channels]
NO
NO
Temperature
sensor
NO
NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com