Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1561 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM1561
Description  This document describes how the firmware to manage the 250 W micro-inverter demo
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1561 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM1561 Datasheet HTML 17Page - STMicroelectronics UM1561 Datasheet HTML 18Page - STMicroelectronics UM1561 Datasheet HTML 19Page - STMicroelectronics UM1561 Datasheet HTML 20Page - STMicroelectronics UM1561 Datasheet HTML 21Page - STMicroelectronics UM1561 Datasheet HTML 22Page - STMicroelectronics UM1561 Datasheet HTML 23Page - STMicroelectronics UM1561 Datasheet HTML 24Page - STMicroelectronics UM1561 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
UM1561
STM32F1xx MCU peripherals configuration
Doc ID 023556 Rev 1
21/39
7
STM32F1xx MCU peripherals configuration
hw_config.c:
The .c file defines all functions useful to init the internal and external peripherals, in
particular:
●
RCC_Config(): configures main system clocks & power;
●
NVIC_Configuration(): configures NVIC and vector table base location;
●
GPIO_Configuration(): configures the different GPIO ports;
●
SysTick_Config(): configure a SysTick Base time to 1 ms;
●
InitControl(..): initializes the parameters for the control algorithm (open/closed loop);
●
DAC_Init(): configures DAC peripheral used only for debug;
●
STM3210E_LCD_Init(): initializes the LCD.
void SetSystem(void)
{
/* RCC configuration */
RCC_Config();
/*Interrupt vector*/
NVIC_Configuration();
/*GPIO Conf....*/
GPIO_Configuration();
/* SysTick for delay function*/
SysTick_Config();
/*Init 250W Control algorithm*/
InitControl(ClosedLoop);
//Init DAC Control
DAC_Init(DAC_COUNTER, DAC_ADDRESS);
/*LCD int */
STM3210E_LCD_Init();
/* Clear the LCD */
LCD_Clear(White);
/*Photovoltaic data transfer Init*/
PHOTOVSDK_Init();
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com