Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1561 Datasheet(PDF) 26 Page - STMicroelectronics

Part # UM1561
Description  This document describes how the firmware to manage the 250 W micro-inverter demo
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1561 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button UM1561 Datasheet HTML 22Page - STMicroelectronics UM1561 Datasheet HTML 23Page - STMicroelectronics UM1561 Datasheet HTML 24Page - STMicroelectronics UM1561 Datasheet HTML 25Page - STMicroelectronics UM1561 Datasheet HTML 26Page - STMicroelectronics UM1561 Datasheet HTML 27Page - STMicroelectronics UM1561 Datasheet HTML 28Page - STMicroelectronics UM1561 Datasheet HTML 29Page - STMicroelectronics UM1561 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
Implementation of digital phase locked loop
UM1561
26/39
Doc ID 023556 Rev 1
where:
●
37150
is (AC voltage protection based on Vq value).
The figure code shows the procedure to control the AC line before the microinverter start-
up: in this example, the AC line voltage must be comprised between 185 V and 265 V and
the frequency between 47 Hz and 53 Hz. If these conditions are satisfied for a fixed time
(10 sec), the state machine goes to the next step (DC-DC/DC-AC turned on).
//****************** ANTI-ISLANDING DETECTION *****************************
if(((Theta+0x8000)-Theta_previous)<=-20000)
{
zero_detect++;
//************* DIAGNOSTIC AC - VOLTAGE AND FREQ AT STARTUP ***************
//Freq 47 Hz - 53 Hz
//Vac 185V - 265V
if((State_Control==DIAGNOSTIC_AC_LINE) ||
(State_Control==DIAGNOSTIC_DC_LINE))
{
if((Theta_time>331 && Theta_time<375) && (VqFiltered_mean >= 37150 &&
VqFiltered_mean<=39080))
{
if(freq_monitor_time>=500) //10 sec
{
GDVoltage = GRID_VOLTAGE_INSIDE_RANGE;
Freq_Control = FREQ_INSIDE_RANGE;
freq_monitor_time=0;
}
if(Freq_Control==FREQ_OUT_OF_RANGE && GDVoltage ==
GRID_VOLTAGE_OUT_OF_RANGE)
freq_monitor_time++;
}
else
{
freq_monitor_time=0;
Grid_Voltage_max=0;
Grid_Voltage_min=0;
}
}
where:
●
37150
is (AC voltage RMS monitoring)
●
375
is (AC frequency monitoring)
●
500
is (listening time).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com