Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4566 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4566
Description  Extending the DAC performance of STM32 microcontrollers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4566 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4566 Datasheet HTML 5Page - STMicroelectronics AN4566 Datasheet HTML 6Page - STMicroelectronics AN4566 Datasheet HTML 7Page - STMicroelectronics AN4566 Datasheet HTML 8Page - STMicroelectronics AN4566 Datasheet HTML 9Page - STMicroelectronics AN4566 Datasheet HTML 10Page - STMicroelectronics AN4566 Datasheet HTML 11Page - STMicroelectronics AN4566 Datasheet HTML 12Page - STMicroelectronics AN4566 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
DocID026799 Rev 1
9/19
AN4566
Example
18
2
Example
The example of the high speed use of the DAC is based on STM32F407, it shows how to
generate a 200 kHz sine wave by the DAC operating at 5 Msps.
2.1
External OpAmp choice
As indicated before, the external OpAmp will define the DAC total performance.
To choose the OpAmp, the following parameters must be considered.
•
slew Rate;
•
gain bandwidth (GBW);
•
open loop gain;
•
supply voltage range;
•
output voltage swing performance;
•
input common mode voltage range;
•
minimum stable gain.
If lowest code to highest code transient on 5 Msps case with VREF voltage is 3.3 V, the
OpAmp needs to have a slew rate higher than 3.3 * 5 * 106 = 16.5 Volts/µs.
If STM32 DAC is working at 3.3 V, it’s possible to use the OpAmp 3.3 V supply (it’s also
possible to consider another analog supply rail, actually this is the option used in the
example).
It is recommended to have minimum two times of sampling speed of the gain bandwidth, so,
for 5 Msps, GBW needs to be wider than 10 MHz.
To keep good DAC linearity, open loop gain must be higher than 60 dB.
If it’s needed to have the output voltage near the supply voltage, then the output voltage
swing of the OpAmp should preferably be rail to rail, otherwise, should voltage swing be
near to the supply or ground rail, signal will be saturated and this will result in distortion.
Even the OpAmp negative input is fixed at the reference voltage level, it is necessary to
verify that the input common voltage range covers the reference voltage level with a margin.
The used OpAmp gain is about -1, so the OpAmp must be stable at this gain.
By considering above criteria, LMH6645/6646/6647 from Texas Instruments fit the
requirements:
•
slew rate: 22 Volts/µs;
•
gain band width: 55 MHz;
•
open loop gain: 87 dB;
•
supply voltage range: 2.5 to 12 V;
•
input Common Mode Voltage 0.3 V beyond rails;
•
output Voltage Swing 20 mV from Rails;
•
stable from gain +1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com