Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4566 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4566
Description  Extending the DAC performance of STM32 microcontrollers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4566 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4566 Datasheet HTML 1Page - STMicroelectronics AN4566 Datasheet HTML 2Page - STMicroelectronics AN4566 Datasheet HTML 3Page - STMicroelectronics AN4566 Datasheet HTML 4Page - STMicroelectronics AN4566 Datasheet HTML 5Page - STMicroelectronics AN4566 Datasheet HTML 6Page - STMicroelectronics AN4566 Datasheet HTML 7Page - STMicroelectronics AN4566 Datasheet HTML 8Page - STMicroelectronics AN4566 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
DocID026799 Rev 1
5/19
AN4566
The STM32 DAC system
18
1
The STM32 DAC system
1.1
DAC equivalent circuit
Digital-to-Analog converters (DACs) are routinely used to transform digital data into analog
signals. The structure of the DAC can be modeled as a digitally controlled voltage source
and the output impedance, as shown in Figure 1.
The output impedance of the DAC is constant, independently from the digital input signal.
When the output buffer is OFF, the DACINT and DACOUT are connected through the
resistor Rb, hence the output impedance of the DAC is Ra+Rb (Rb is equal to Ra), and
RDAC = 2*Ra (S1 and S2 switches are open).
When the buffer is enabled, the OpAmp is configured as an inverting amplifier with Av = -1,
and the output impedance is almost zero thanks to the feedback loop.
Figure 1. DAC equivalent circuit
1.2
DAC speed on the specification
When the output buffer is enabled on output of the DAC, the DAC speed is specified by the
output buffer performance. This number is indicated in the Tsetting or Update rate in the
product datasheet.
When output buffer is disabled, the output signal speed is simply following the RC constant
which is determined by the DAC output impedance RDAC (= 2*Ra) and the capacitive load
on the DACOUT pad.
As an example, the STM32F407 defines the impedance output with buffer off at a maximum
value of 15 kΩ. If a 10 pF capacitive load (including the parasitic capacitance of the
STM32F407 device on DACOUT pad) is considered, to get +/-1LSB of the final value (from
lowest code to highest code) we have
1
1
2
N
------
–
1e
TCR
()
⁄
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com