Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4640 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4640
Description  This application note describes how peripherals
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4640 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4640 Datasheet HTML 7Page - STMicroelectronics AN4640 Datasheet HTML 8Page - STMicroelectronics AN4640 Datasheet HTML 9Page - STMicroelectronics AN4640 Datasheet HTML 10Page - STMicroelectronics AN4640 Datasheet HTML 11Page - STMicroelectronics AN4640 Datasheet HTML 12Page - STMicroelectronics AN4640 Datasheet HTML 13Page - STMicroelectronics AN4640 Datasheet HTML 14Page - STMicroelectronics AN4640 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
DocID027335 Rev 2
11/19
AN4640
Peripherals interconnect matrix
18
2.2
Analog block
Analog block includes:
•
ADC block: three ADCs;
•
DAC block: two DAC converters;
•
Temperature sensor Block.
2.2.1
From ADC to ADC
In multi ADC mode, the start of conversion is triggered alternately or simultaneously by the
ADC1 master to the ADC2 and ADC3 slaves, depending on the mode selected by the
MULTI[4:0] bits in the ADC_CCR register.
This feature is explained in the “Multi ADC mode” section of RM0390 and RM0090
reference manuals.
2.2.2
From Temperature sensor to ADC1
On STM32F4xx devices, the temperature sensor is internally connected to the input
channel, either ADC1_IN16 or ADC1_IN18 can be used to convert the sensor output
voltage into a digital value.
The section “Temperature sensor” in the RM0390 and RM0090 reference manuals
describes the connection between the sensor and the ADC and the procedure to apply in
order to read the converted value.
2.2.3
From Analog block to DMA
Refer to Section 2.6: DMA block.
2.3
Clocks block
System block includes:
•
LSE clock;
•
LSI clock;
•
Clock security system (CSS);
•
Real-time clock (RTC).
2.3.1
From CSS to TIM
CSS can generate system errors in the form of timer break toward timers.
The purpose of the break function is to protect power switches driven by PWM signals
generated by the timers.
The list of possible break sources is given in the “Using the break function (TIM1/TIM8)”
section of the RM0090 and RM0390 reference manuals.
2.3.2
From LSE, LSI, RTC to TIM
External clock (LSE), internal clock (LSI) and RTC wakeup interrupt can be used as input to
general-purpose timer (TIM5 channel 4/TIM11 channel 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com