Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4640 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4640
Description  This application note describes how peripherals
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4640 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4640 Datasheet HTML 8Page - STMicroelectronics AN4640 Datasheet HTML 9Page - STMicroelectronics AN4640 Datasheet HTML 10Page - STMicroelectronics AN4640 Datasheet HTML 11Page - STMicroelectronics AN4640 Datasheet HTML 12Page - STMicroelectronics AN4640 Datasheet HTML 13Page - STMicroelectronics AN4640 Datasheet HTML 14Page - STMicroelectronics AN4640 Datasheet HTML 15Page - STMicroelectronics AN4640 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Peripherals interconnect matrix
AN4640
12/19
DocID027335 Rev 2
This feature is described in the following sections of the RM0090 and RM0390 reference
manuals:
•
“Internal/external clock measurement using TIM5/TIM11”;
•
“TIM5 option register (TIM5_OR)”;
•
“TIM11 option register 1 (TIM11_OR)”.
2.4
System block
Power supplies block includes:
•
The internal reference voltage VREFINT;
•
VBAT;
•
External interrupt/event controller (EXTI).
2.4.1
From VBAT, VREFIN to ADC
The VBAT channel is connected to channel ADC1_IN18. It can be converted as an injected
or regular channel.
The VREFINT is connected to ADC1_IN17.
Refer to the following sections of the RM0090 and RM0390 reference manuals for a
description of the interconnection between VBAT, VREFINT and ADC:
•
“Channel selection”;
•
“Battery charge monitoring”.
2.4.2
From EXTI to Analog block
EXTI can be used to generate an ADC triggering event or to start a DAC conversion.
ADC synchronization is described in the “Conversion on external trigger and trigger polarity”
section of the RM0390 and RM0090 reference manuals, while selection of input triggers on
DAC is provided in the “DAC trigger selection” section of the same documents.
2.5
Communication interfaces block
2.5.1
From SPIDIFRX to TIM
SPIDIFRX (SPDIFRX_FRAME_SYNC) is connected to TIM11_CH1 to measure the clock
drift of received SPDIFRX frames.
This interconnection is explained in the section “TIM11 option register 1 (TIM11_OR)” of the
RM0390 reference manual.
2.5.2
From USB block to TIM
USB block includes:
•
USB on-the-go full-speed (OTG_FS);
•
USB on-the-go high-speed (OTG_HS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com