Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4676 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4676
Description  STM32F7 Series peripheral interconnections
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4676 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4676 Datasheet HTML 6Page - STMicroelectronics AN4676 Datasheet HTML 7Page - STMicroelectronics AN4676 Datasheet HTML 8Page - STMicroelectronics AN4676 Datasheet HTML 9Page - STMicroelectronics AN4676 Datasheet HTML 10Page - STMicroelectronics AN4676 Datasheet HTML 11Page - STMicroelectronics AN4676 Datasheet HTML 12Page - STMicroelectronics AN4676 Datasheet HTML 13Page - STMicroelectronics AN4676 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Peripheral interconnect matrix
AN4676
10/18
DocID027699 Rev 2
2.1.4
FROM TIM to DMA
Refer to Section 2.6: DMA block.
2.2
Analog block
The analog block includes:
•
The ADC block (three ADCs)
•
The DAC block (two DACs)
•
The temperature sensor block
2.2.1
From ADC to ADC
In the multi ADC mode, the start of conversion is triggered alternately or simultaneously by
the ADC1 master to the ADC2 and ADC3 slaves depending on the mode selected by the
MULITI [4:0] bits in the ADC_CCR register.
For more details, refer to multi ADC mode section of RM0385 reference manual.
2.2.2
From the temperature sensor to ADC1
The temperature sensor can be used to measure the ambient temperature (Ta) of the
device.
The VBAT and temperature sensor are connected to the same ADC internal channel
(ADC1_IN18). Only one conversion, either the temperature sensor or VBAT, must be
selected at a time. When both conversion are enabled simultaneously, only the VBAT
conversion is performed.
Figure 5 shows the block diagram of the temperature sensor.
Figure 5. Temperature sensor and VREFINT channel block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com