Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4683 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4683
Description  Transport layer security protocol for SPWFxxx module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4683 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4683 Datasheet HTML 3Page - STMicroelectronics AN4683 Datasheet HTML 4Page - STMicroelectronics AN4683 Datasheet HTML 5Page - STMicroelectronics AN4683 Datasheet HTML 6Page - STMicroelectronics AN4683 Datasheet HTML 7Page - STMicroelectronics AN4683 Datasheet HTML 8Page - STMicroelectronics AN4683 Datasheet HTML 9Page - STMicroelectronics AN4683 Datasheet HTML 10Page - STMicroelectronics AN4683 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
DocID027745 Rev 1
7/31
AN4683
SSL/TLS protocol overview
31
1.1.2
Change cipher spec protocol
The change cipher spec protocol is used to change the keying material used for encryption
between the client and server. Keying material is raw data that is used to create keys for
cryptographic use. The change cipher spec protocol consists of a single message to tell the
other party in the SSL/TLS session that the sender wants to change to a new set of keys.
The key is computed from the information exchanged by the handshake protocol.
1.1.3
Alert protocol
Alert messages are used to indicate a change in status or an error condition to the peer.
There are a wide variety of alerts to notify the peer of both normal and error conditions.
Alerts are commonly sent when the connection is closed, an invalid message is received, a
message cannot be decrypted, or the user cancels the operation.
1.1.4
Record protocol
The record protocol receives and encrypts data from the higher-layer and delivers it to the
transport layer. As shown in Figure 3, the record protocol takes the data, fragments it into
TLSPlaintext blocks with a size appropriate to the cryptographic algorithm. Then it optionally
compresses (or, for data received, decompresses) the TLSPlaintext, applies a MAC or
HMAC (HMAC is supported only by TLS) to get the hash tag. Finally the TLSCompressed
data and hash tag (and some padding eventually) are concatenated and encrypted (or
decrypted) using the information negotiated during the handshake protocol.
Encryption and hash ensure, respectively, the confidentiality and the integrity of the
plaintext.
Figure 3. Record protocol operations
1.2
Authentication and certificates
SSL/TLS requires a server certificate and, optionally, a client certificate. The digital
certificate certifies the ownership of a public key by the named subject of the certificate, also
known as public key certificates. This allows others parties to rely upon signatures or
assertions made by the private key that corresponds to the public key that is certified.
Digital certificates used in SSL/TLS comply with the X.509 standard (see [8] in References),
which specifies the information required and the formats for public key certificates. In an



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com