Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4683 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4683
Description  Transport layer security protocol for SPWFxxx module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4683 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4683 Datasheet HTML 5Page - STMicroelectronics AN4683 Datasheet HTML 6Page - STMicroelectronics AN4683 Datasheet HTML 7Page - STMicroelectronics AN4683 Datasheet HTML 8Page - STMicroelectronics AN4683 Datasheet HTML 9Page - STMicroelectronics AN4683 Datasheet HTML 10Page - STMicroelectronics AN4683 Datasheet HTML 11Page - STMicroelectronics AN4683 Datasheet HTML 12Page - STMicroelectronics AN4683 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
DocID027745 Rev 1
9/31
AN4683
SSL/TLS protocol overview
31
The contents of a certificate, according to the X.509 version 3 specifications, may include:
–
The version number of the X.509 standard supported by the certificate.
–
The certificate’s serial number. Every certificate issued by a CA has a serial
number that is unique among the certificates issued by that CA.
–
Information about the user’s public key, including the algorithm used and a
representation of the key itself.
–
The DN of the CA that issued the certificate.
–
The period during which the certificate is valid.
–
The DN of the certificate subject, which is also called the subject name. For
example, in an SSL client certificate, this is the user’s DN.
–
Optional certificate extensions, which may provide additional data used by the
client or server.
–
The cryptographic algorithm, or cipher, used by the issuing CA to create its own
digital signature.
–
The CA’s digital signature, obtained by hashing all of the data in the certificate
together and encrypting it with the CA’s private key.
The certificate text format begins with the following line:
-----BEGIN CERTIFICATE-----
followed by certificate data, which should be base-64 encoded, as described by RFC 1113.
The certificate information must end with this last line:
-----END CERTIFICATE-----
When you receive the certificate from another entity, you may need to use a certificate
chain, also known as the certification path, which is a list of certificates used to authenticate
an entity. The chain, or path, begins with the certificate of that entity, and each certificate in
the chain is signed by the entity identified by the next certificate in the chain. The chain
terminates with a root CA certificate. The root CA certificate is always signed by the CA
itself; it must be considered as a trusted CA and must be available in the application (e.g.
SSL/TLS client, web browser). The signatures of all certificates in the chain must be verified
until the root CA certificate is reached. Figure 4 illustrates a certification path from the
certificate owner to the root CA, where the chain of trust begins. Notice that different chains
can have multiple or even none intermediate CAs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com