Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN1205 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TN1205
Description  Tape and reel shipping media for STM8 and STM32 microcontrollers in FPN packages
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN1205 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TN1205 Datasheet HTML 3Page - STMicroelectronics TN1205 Datasheet HTML 4Page - STMicroelectronics TN1205 Datasheet HTML 5Page - STMicroelectronics TN1205 Datasheet HTML 6Page - STMicroelectronics TN1205 Datasheet HTML 7Page - STMicroelectronics TN1205 Datasheet HTML 8Page - STMicroelectronics TN1205 Datasheet HTML 9Page - STMicroelectronics TN1205 Datasheet HTML 10Page - STMicroelectronics TN1205 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
DocID027387 Rev 3
7/15
TN1205
Leader and trailer tape specifications
14
2
Leader and trailer tape specifications
The leader has a minimum width of 400 mm which includes at least 100 mm of carrier tape
with empty cavities and sealed cover tape (see Figure 2). The leader tape is affixed to the
last turn of carrier tape by using a transparent adhesive anti static or paper based tape of a
width not higher than the one of the cover tape.
The trailer is a carrier tape which minimum width is 160 mm with empty cavities and sealed
cover tape, as shown in Figure 2. The trailer tape must be affixed to the reel by using the
tape slot of the reel hub.
During the unwinding operation, the entire carrier tape must be easily released from the reel
hub as the last portion of the tape unwinds from the reel without damaging the carrier tape
and the remaining components in the cavities.
Figure 2. Leader and trailer tape schematics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com