Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN1205 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TN1205
Description  Tape and reel shipping media for STM8 and STM32 microcontrollers in FPN packages
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN1205 Datasheet(HTML) 1 Page - STMicroelectronics

  TN1205 Datasheet HTML 1Page - STMicroelectronics TN1205 Datasheet HTML 2Page - STMicroelectronics TN1205 Datasheet HTML 3Page - STMicroelectronics TN1205 Datasheet HTML 4Page - STMicroelectronics TN1205 Datasheet HTML 5Page - STMicroelectronics TN1205 Datasheet HTML 6Page - STMicroelectronics TN1205 Datasheet HTML 7Page - STMicroelectronics TN1205 Datasheet HTML 8Page - STMicroelectronics TN1205 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
April 2015
DocID027387 Rev 3
1/15
1
TN1205
Technical note
Tape and reel shipping media for STM8 and STM32
microcontrollers in FPN packages
Introduction
FPN packages can be supplied in tape and reel shipping media.
The reels have a 13” typical diameter.
The types of reel used are in plastic either anti static or conductive, with a black conductive
cavity tape. The cover tape is transparent anti static or conductive.
The devices are positioned in the cavities with the identifying pin (normally Pin “1”) on the
same side as the sprocket holes in the tape.
STMicroelectronics tape and reels are compliant with EIA 481 and IEC 60286-3 standard
specifications.
Table 1 lists the FPN packages available for STM8 and STM32 microcontrollers, as well as
the corresponding shipping media.
Table 1. FPN packages available in tape and reel packing
Package
Description
Package
code
Reel
diameter
Tape
width
Tape
pitch
FPN 2X3
UFDFPN 8 leads, 2x3x0.6 mm, 0.5 mm pitch
ZW
13”
8 mm
4 mm
12 mm
4 mm
FPN 3X3
UFQFPN 20 leads, 3x3x0.6 mm, 0.5 mm pitch
A0A5
12 mm
8 mm
FPN 4X4
UFQFPN 28 leads, 4x4x0.55 mm, 0.5 mm pitch
A0B0
FPN 5X5
VFQFPN 32 leads, 5x5x1.0 mm, 0.5 mm pitch
42
FPN 5X5
UFQFPN 32 leads, 5x5x0.55 mm, 0.5 mm pitch
A0B8
FPN 5X5
VFQFPN 24 leads, 5x5x1.0 mm, 0.65 pitch
Y1
FPN 6X5
VFQFPN 20 leads, 5x6 mm, 0.80 mm pitch
MY
16 mm
8 mm
FPN 6X6
VFQFPN 40 leads, 6x6x1.0 mm, 0.5 mm pitch
ZF
16 mm
12 mm
FPN 6X6
VFQFPN 36 leads, 6x6x1.0 mm, 0.50 mm pitch
ZR
FPN 7X7
UFQFPN 48 leads, 7x7x0.55pitch, 0.5 mm pitch
A0B9
FPN 7X7
VFQFPN2 48 leads, 7x7x1.0 mm, 0.5 mm pitch
NU
FPN 7X7
VFQFPN 48 leads, 7x7x1.0 mm, 0.5 mm pitch
V0
www.st.com


Similar Part No. - TN1205

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN1205H STMICROELECTRONICS-TN1205H Datasheet
128Kb / 10P
High temperature 12 A SCRs
26-Apr-2012
TN1205H-6G STMICROELECTRONICS-TN1205H-6G Datasheet
128Kb / 10P
High temperature 12 A SCRs
26-Apr-2012
TN1205H-6T STMICROELECTRONICS-TN1205H-6T Datasheet
128Kb / 10P
High temperature 12 A SCRs
26-Apr-2012
TN1205H-6T STMICROELECTRONICS-TN1205H-6T Datasheet
128Kb / 10P
High temperature 12 A SCRs
26-Apr-2012
TN1205T-600 STMICROELECTRONICS-TN1205T-600 Datasheet
189Kb / 8P
High current density per square mm
October 2009 Rev 1
More results

Similar Description - TN1205

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST-LINK STMICROELECTRONICS-ST-LINK Datasheet
87Kb / 3P
In-circuit debugger/programmer for STM8 and STM32
06-Jan-2012
logo
Kersemi Electronic Co.,...
IRF840S KERSEMI-IRF840S Datasheet
1Mb / 7P
Available in Tape and Reel
logo
STMicroelectronics
TN1204 STMICROELECTRONICS-TN1204 Datasheet
751Kb / 15P
Tape and reel shipping media for STM32 microcontrollers in BGA packages
19-Feb-2015
TN1206 STMICROELECTRONICS-TN1206 Datasheet
836Kb / 16P
Tape and reel shipping media for STM8 and STM32 microcontrollers in QFP packages
21-Apr-2015
TN1207 STMICROELECTRONICS-TN1207 Datasheet
760Kb / 15P
Tape and reel shipping media for STM8 and STM32 microcontrollers in SO packages
12-Mar-2015
TN1208 STMICROELECTRONICS-TN1208 Datasheet
748Kb / 13P
Tape and reel shipping media for STM8 and STM32 microcontrollers in TSSOP and SSOP packages
17-Mar-2015
STM8L-PRIMER STMICROELECTRONICS-STM8L-PRIMER Datasheet
265Kb / 7P
Raisonance STM32 and STM8 Primers for fun, easy evaluation and development with STM32 and STM8
14-Oct-2013
STLINK-V3SET STMICROELECTRONICS-STLINK-V3SET Datasheet
174Kb / 4P
STLINK-V3SET debugger/programmer for STM8 and STM32
06-Sep-2018
ST-LINK-V2 STMICROELECTRONICS-ST-LINK-V2 Datasheet
265Kb / 5P
ST-LINK/V2 in-circuit debugger/programmer for STM8 and STM32 microcontrollers
Rev 5 - April 2020
UM1075 STMICROELECTRONICS-UM1075 Datasheet
682Kb / 19P
ST-LINK/V2 in-circuit debugger/programmer for STM8 and STM32
18-Oct-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com