Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN1207 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TN1207
Description  Tape and reel shipping media for STM8 and STM32 microcontrollers in SO packages
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN1207 Datasheet(HTML) 1 Page - STMicroelectronics

  TN1207 Datasheet HTML 1Page - STMicroelectronics TN1207 Datasheet HTML 2Page - STMicroelectronics TN1207 Datasheet HTML 3Page - STMicroelectronics TN1207 Datasheet HTML 4Page - STMicroelectronics TN1207 Datasheet HTML 5Page - STMicroelectronics TN1207 Datasheet HTML 6Page - STMicroelectronics TN1207 Datasheet HTML 7Page - STMicroelectronics TN1207 Datasheet HTML 8Page - STMicroelectronics TN1207 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
March 2015
DocID027435 Rev 1
1/15
1
TN1207
Technical note
Tape and reel shipping media for STM8 and STM32
microcontrollers in SO packages
Introduction
SO packages can be supplied in tape and tube shipping media.
The reels have a 13” typical diameter.
The types of reel used are in plastic either anti static or conductive, with a black conductive
cavity tape. The cover tape is transparent anti static or conductive.
The devices are positioned in the cavities with the identifying pin (normally Pin “1”) on the
same side as the sprocket holes in the tape.
STMicroelectronics tape and reels are compliant with EIA 481 and IEC 60286-3 standard
specifications.
Table 1 lists the SO packages available for STM8 and STM32 microcontrollers, as well as
the corresponding shipping media.
Table 1. SO packages available in tape and reel packing
Package
Description
Package
code
Reel
diameter
Tape
width
Tape
pitch
SO-8
SO 08 0.15 JEDEC
O7
13”
12 mm
8mm
SO-16
SO 16 0.15 TO JEDEC MS-012
Q7
16 mm
8 mm
SO-16W
SO 16 0.30 LARGE JEDEC MS-013
Y7
16 mm
12 mm
SO-20
SO 20 0.30 TO JEDEC MS-013
Z7
24 mm
12 mm
SO-24
SO 24 0.30 TO JEDEC MS-013AD
9U
24 mm
12 mm
SO-28
SO 28 0.30 TO JEDEC MS-013AE
LR
24 mm
12 mm
SO-34S
SO 34 SHRINK 7.5 mm
SG
24 mm
12 mm
www.st.com


Similar Part No. - TN1207

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN1200 STMICROELECTRONICS-TN1200 Datasheet
286Kb / 16P
package description and recommendations for use
10-Dec-2014
TN1201 STMICROELECTRONICS-TN1201 Datasheet
233Kb / 13P
To ease the development of STM32 microcontroller applications
09-Jan-2015
TN1204 STMICROELECTRONICS-TN1204 Datasheet
751Kb / 15P
Tape and reel shipping media for STM32 microcontrollers in BGA packages
19-Feb-2015
TN1205 STMICROELECTRONICS-TN1205 Datasheet
759Kb / 15P
Tape and reel shipping media for STM8 and STM32 microcontrollers in FPN packages
21-Apr-2015
TN1205H STMICROELECTRONICS-TN1205H Datasheet
128Kb / 10P
High temperature 12 A SCRs
26-Apr-2012
More results

Similar Description - TN1207

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST-LINK STMICROELECTRONICS-ST-LINK Datasheet
87Kb / 3P
In-circuit debugger/programmer for STM8 and STM32
06-Jan-2012
logo
Kersemi Electronic Co.,...
IRF840S KERSEMI-IRF840S Datasheet
1Mb / 7P
Available in Tape and Reel
logo
STMicroelectronics
TN1204 STMICROELECTRONICS-TN1204 Datasheet
751Kb / 15P
Tape and reel shipping media for STM32 microcontrollers in BGA packages
19-Feb-2015
TN1205 STMICROELECTRONICS-TN1205 Datasheet
759Kb / 15P
Tape and reel shipping media for STM8 and STM32 microcontrollers in FPN packages
21-Apr-2015
TN1206 STMICROELECTRONICS-TN1206 Datasheet
836Kb / 16P
Tape and reel shipping media for STM8 and STM32 microcontrollers in QFP packages
21-Apr-2015
TN1208 STMICROELECTRONICS-TN1208 Datasheet
748Kb / 13P
Tape and reel shipping media for STM8 and STM32 microcontrollers in TSSOP and SSOP packages
17-Mar-2015
STM8L-PRIMER STMICROELECTRONICS-STM8L-PRIMER Datasheet
265Kb / 7P
Raisonance STM32 and STM8 Primers for fun, easy evaluation and development with STM32 and STM8
14-Oct-2013
STLINK-V3SET STMICROELECTRONICS-STLINK-V3SET Datasheet
174Kb / 4P
STLINK-V3SET debugger/programmer for STM8 and STM32
06-Sep-2018
ST-LINK-V2 STMICROELECTRONICS-ST-LINK-V2 Datasheet
265Kb / 5P
ST-LINK/V2 in-circuit debugger/programmer for STM8 and STM32 microcontrollers
Rev 5 - April 2020
UM1075 STMICROELECTRONICS-UM1075 Datasheet
682Kb / 19P
ST-LINK/V2 in-circuit debugger/programmer for STM8 and STM32
18-Oct-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com