Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN1207 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TN1207
Description  Tape and reel shipping media for STM8 and STM32 microcontrollers in SO packages
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN1207 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TN1207 Datasheet HTML 6Page - STMicroelectronics TN1207 Datasheet HTML 7Page - STMicroelectronics TN1207 Datasheet HTML 8Page - STMicroelectronics TN1207 Datasheet HTML 9Page - STMicroelectronics TN1207 Datasheet HTML 10Page - STMicroelectronics TN1207 Datasheet HTML 11Page - STMicroelectronics TN1207 Datasheet HTML 12Page - STMicroelectronics TN1207 Datasheet HTML 13Page - STMicroelectronics TN1207 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Carrier tape mechanical dimensions
TN1207
10/15
DocID027435 Rev 1
5
Carrier tape mechanical dimensions
Possible widths are 12, 16 and 24 mm (refer to Table 1: SO packages available in tape and
reel packing).
Figure 5. Embossed carrier tape
Table 3. Carrier tape constant dimensions
Tape
width
D0
D1 min
E1
P0
P2
R(1)
S1
T max. T1 max.
Unit
12 mm
1.5+0.1
/-0.0
1.5
1.75±0.1
4.0±0.1
2.0±0.05
30
0.6
0.6
0.1
mm
16 mm
2.0±0.1
24 mm
1. The maximum radius the tape with or without components can bend without damage is specified in Section 6: Bending
radius requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com