Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1868 Datasheet(PDF) 8 Page - STMicroelectronics

Part # UM1868
Description  BlueNRG and BlueNRG-MS information register
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1868 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button UM1868 Datasheet HTML 4Page - STMicroelectronics UM1868 Datasheet HTML 5Page - STMicroelectronics UM1868 Datasheet HTML 6Page - STMicroelectronics UM1868 Datasheet HTML 7Page - STMicroelectronics UM1868 Datasheet HTML 8Page - STMicroelectronics UM1868 Datasheet HTML 9Page - STMicroelectronics UM1868 Datasheet HTML 10Page - STMicroelectronics UM1868 Datasheet HTML 11Page - STMicroelectronics UM1868 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
BlueNRG GUI IFR utility
UM1868
8/19
DocID027570 Rev 1
The tables below show the available IFR View/Edit window fields.
Table 1: Crystal selection
Field name
Description
Supported value
High-speed crystal
Select which crystal to be used
16 MHz
32 MHz
Low-speed source
Select which oscillator to be used
32 kHz crystal oscillator
Internal ring oscillator (without crystal)
Table 2: Power management
Field name
Description
10 µH SMPS inductor
Select this field if using SMPS with 10 µH inductor
4.7 µH SMPS inductor
Select this field if using SMPS with 4.7 µH inductor
(valid only for BlueNRG-MS)
Force SMPS off
Forces SMPS pins off. It may be used to disable the SMPS pin on the
WLCSP package or even on the QFN package when NO_SMPS pin is
connected to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com