Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1868 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM1868
Description  BlueNRG and BlueNRG-MS information register
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1868 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM1868 Datasheet HTML 6Page - STMicroelectronics UM1868 Datasheet HTML 7Page - STMicroelectronics UM1868 Datasheet HTML 8Page - STMicroelectronics UM1868 Datasheet HTML 9Page - STMicroelectronics UM1868 Datasheet HTML 10Page - STMicroelectronics UM1868 Datasheet HTML 11Page - STMicroelectronics UM1868 Datasheet HTML 12Page - STMicroelectronics UM1868 Datasheet HTML 13Page - STMicroelectronics UM1868 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
BlueNRG GUI IFR utility
UM1868
10/19
DocID027570 Rev 1
Table 4: Test modes
Field name
Description
Notes
User mode
Normal mode
Low-speed
crystal measure
Output signal from 32 kHz crystal
oscillator on TEST9 pin
Refer to LSOSC_center_TEST described
in AN4494 “Bringing up the BlueNRG"
High-speed
startup time
measure
Output signals on TEST8 and
TEST9 pins for XTAL startup
measurement
Refer to XTAL_center_TEST described in
AN4494 “Bringing up the BlueNRG”
In addition, the Cold and Hot tables show the following:
•
Cold table: shows the cold boot region (COLD_ANA_CONFIG_TABLE) register
values. This information cannot be directly changed by the user. Correct data is
automatically generated upon selection of correct configuration values, like the
high-speed crystal, low-speed crystal, or SMSP configuration.
•
Hot table: shows the hot boot region (HOT_ANA_CONFIG_TABLE) register values.
This information cannot be changed by the user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com