Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2DB1182Q Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 2DB1182Q
Description  32V PNP MEDIUM POWER TRANSISTOR IN TO252
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DB1182Q Datasheet(HTML) 2 Page - Diodes Incorporated

  2DB1182Q_15 Datasheet HTML 1Page - Diodes Incorporated 2DB1182Q_15 Datasheet HTML 2Page - Diodes Incorporated 2DB1182Q_15 Datasheet HTML 3Page - Diodes Incorporated 2DB1182Q_15 Datasheet HTML 4Page - Diodes Incorporated 2DB1182Q_15 Datasheet HTML 5Page - Diodes Incorporated 2DB1182Q_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2DB1182Q
Document number: DS35651 Rev. 3 - 2
2 of 6
www.diodes.com
November 2014
© Diodes Incorporated
2DB1182Q
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-40
V
Collector-Emitter Voltage
VCEO
-32
V
Emitter-Base Voltage
VEBO
-5
V
Continuous Collector Current
IC
-2
A
Peak Pulse Collector Current
ICM
-3
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 5)
PD
1.2
W
Power Dissipation @TL = +25°C
(Note 6)
PD
15
W
Thermal Resistance, Junction to Ambient
(Note 5)
RθJA
104
°C/W
Thermal Resistance, Junction to Lead
(Note 6)
RθJL
8.3
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
ESD Ratings (Note 7)
Characteristic
Symbol
Value
Unit
JEDEC Class
Electrostatic Discharge - Human Body Model
ESD HBM
4,000
V
3A
Electrostatic Discharge - Machine Model
ESD MM
400
V
C
Note:
5. For a device mounted with the exposed collector pad on minimum recommended pad (MRP) layout 1oz copper that is on a single-sided
1.6mm FR4 PCB; device is measured under still air conditions whilst operating in a steady-state.
6. Thermal resistance from junction to solder-point (on the exposed collector pad).
7. Refer to JEDEC specification JESD22-A114 and JESD22-A115.
Thermal Characteristics
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1,000
10,000
t , PULSE DURATION TIME (s)
1
Figure 1 Transient Thermal Response
0.001
0.01
0.1
1
T - T = P * R
(t)
Duty Cycle, D = t /t
J
A
JA
12
R
(t) = r(t) *
JA
R
R
= 110°C/W
JA
JA
P(pk)
t1
t2
D = 0.7
D = 0.5
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse
D = 0.9



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com