Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2DB1182Q Datasheet(PDF) 3 Page - Diodes Incorporated

Part # 2DB1182Q
Description  32V PNP MEDIUM POWER TRANSISTOR IN TO252
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DB1182Q Datasheet(HTML) 3 Page - Diodes Incorporated

  2DB1182Q_15 Datasheet HTML 1Page - Diodes Incorporated 2DB1182Q_15 Datasheet HTML 2Page - Diodes Incorporated 2DB1182Q_15 Datasheet HTML 3Page - Diodes Incorporated 2DB1182Q_15 Datasheet HTML 4Page - Diodes Incorporated 2DB1182Q_15 Datasheet HTML 5Page - Diodes Incorporated 2DB1182Q_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2DB1182Q
Document number: DS35651 Rev. 3 - 2
3 of 6
www.diodes.com
November 2014
© Diodes Incorporated
2DB1182Q
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Collector-Base Breakdown Voltage
BVCBO
-40
V
IC = -50A, IE = 0
Collector-Emitter Breakdown Voltage
BVCEO
-32
V
IC = -1mA, IB = 0
Emitter-Base Breakdown Voltage
BVEBO
-5
V
IE = -50A, IC = 0
Collector Cutoff Current
ICBO
-1
A
VCB = -20V, IE = 0
Emitter Cutoff Current
IEBO
-1
A
VEB = - 4V, IC = 0
ON CHARACTERISTICS (Note 8)
Collector-Emitter Saturation Voltage
VCE(sat)
-0.8
V
IC = -2A, IB = -0.2A
DC Current Gain
hFE
120
270
VCE = -3V, IC = -0.5A
SMALL SIGNAL CHARACTERISTICS
Current Gain-Bandwidth Product
fT
110
MHz
VCE = -5V, IC = -0.1A,
f = 30MHz
Output Capacitance
Cobo
26
pF
VCB = -10V, f = 1MHz
Turn-On Time
ton
—
109
—
ns
VCC = 30V
ICC = 150mA
IB1 = - IB2 = 15mA
Delay Time
td
—
60
—
ns
Rise Time
tr
—
49
—
ns
Turn-Off Time
toff
—
280
—
ns
Storage Time
ts
—
246
—
ns
Fall Time
tf
—
34
—
ns
Note:
8. Measured under pulsed conditions. Pulse width = 300
s. Duty cycle 2%.
Typical Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
0
200
400
600
800
1,000
0.1
1
10
Figure 2 Typical Collector Current vs. Collector-Emitter Voltage
-V
, COLLECTOR-EMITTER VOLTAGE (V)
CE
I = -1mA
B
I = -2mA
B
I = -3mA
B
I = -4mA
B
I = -5mA
B
0
50
100
150
200
250
300
350
400
0.001
0.01
0.1
1
10
-I , COLLECTOR CURRENT (A)
C
Figure 3 Typical DC Current Gain vs. Collector Current
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 150°C
A
T = 125°C
A
V
= -3V
CE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com