Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1910 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1910
Description  Protected High Side MOSFET Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1910 Datasheet(HTML) 2 Page - Linear Technology

  LT1910 Datasheet HTML 1Page - Linear Technology LT1910 Datasheet HTML 2Page - Linear Technology LT1910 Datasheet HTML 3Page - Linear Technology LT1910 Datasheet HTML 4Page - Linear Technology LT1910 Datasheet HTML 5Page - Linear Technology LT1910 Datasheet HTML 6Page - Linear Technology LT1910 Datasheet HTML 7Page - Linear Technology LT1910 Datasheet HTML 8Page - Linear Technology LT1910 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LT1910
2
1910fb
For more information www.linear.com/LT1910
Supply Voltage (Pin 8) ............................... –15V to 60V
Input Voltage (Pin 4)..................... (GND – 0.3V) to 15V
GATE Voltage (Pin 5)................................................ 75V
SENSE Voltage (Pin 6) ........................................ V+ ±5V
FAULT Voltage (Pin 3) .............................................. 36V
Current (Pins 1, 2, 4, 5, 6, 8) ................................ 40mA
Operating Temperature Range (Note 2)
LT1910E............................................... –40°C to 85°C
LT1910I.............................................. –40°C to 125°C
Junction Temperature Range ................ –40°C to 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
1
2
3
4
8
7
6
5
TOP VIEW
V+
NC
SENSE
GATE
GND
TIMER
FAULT
IN
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 125°C, θJA = 150°C/W
orDer inFormaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1910ES8#PBF
LT1910ES8#TRPBF
1910E
8-Lead Plastic SO
–40°C to 85°C
LT1910IS8#PBF
LT1910IS8#TRPBF
1910I
8-Lead Plastic SO
–40°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1910ES8
LT1910ES8#TR
1910E
8-Lead Plastic SO
–40°C to 85°C
LT1910IS8
LT1910IS8#TR
1910I
8-Lead Plastic SO
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
pin conFiguraTion
absoluTe maximum raTings
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+ = 12V to 48V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IS
Supply Current (Off State)
V+ = 48V, VIN = 0.8V
1.2
1.9
2.5
mA
∆IS(ON)
Delta Supply Current (On State)
VIN = 2V, Measure Increase in IS
0.8
1.2
mA
VINH
Input High Voltage
E-Grade
I-Grade
l
l
2
3.5
V
V
VINL
Input Low Voltage
E-Grade
I-Grade
l
l
0.8
0.7
V
V
IIN
Input Current
VIN = 2V
VIN = 5V
l
l
15
55
30
110
50
185
µA
µA
CIN
Input Capacitance (Note 3)
5
pF
VT(TH)
Timer Threshold Voltage
VIN = 2V, Adjust VT
l
2.6
2.9
3.2
V
VT(CL)
Timer Clamp Voltage
VIN = 0.8V
3.2
3.5
3.8
V
IT
Timer Charge Current
VIN = VT = 2V
9
14
20
µA
VSENSE
Drain-Sense Threshold Voltage Temperature
Coefficient (Note 3)
50
65
0.33
80
mV
%/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com