Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1910 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1910
Description  Protected High Side MOSFET Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1910 Datasheet(HTML) 3 Page - Linear Technology

  LT1910 Datasheet HTML 1Page - Linear Technology LT1910 Datasheet HTML 2Page - Linear Technology LT1910 Datasheet HTML 3Page - Linear Technology LT1910 Datasheet HTML 4Page - Linear Technology LT1910 Datasheet HTML 5Page - Linear Technology LT1910 Datasheet HTML 6Page - Linear Technology LT1910 Datasheet HTML 7Page - Linear Technology LT1910 Datasheet HTML 8Page - Linear Technology LT1910 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LT1910
3
1910fb
For more information www.linear.com/LT1910
elecTrical characTerisTics
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT1910E is guaranteed to meet performance specifications
from 0°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+ = 12V to 48V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ISENSE
Drain Sense Input Current
V+ = 48V, VSENSE = 65mV
0.5
1.5
µA
VGATE – V+ Gate Voltage Above Supply
V+ = 8V
V+ = 12V
l
4
7
4.5
8.5
6
10
V
V
V+ = 24V
E-Grade
I-Grade
l
l
10
10
12
12
14
15
V
V
V+ = 48V
E-Grade
I-Grade
l
l
10
10
12
12
14
15
V
V
VF(TH)
FAULT Output High Threshold Voltage
FAULT Output Low Threshold Voltage
VIN = 2V, IF = 1mA, Adjust VT
3.1
3.0
3.4
3.3
3.7
3.6
V
V
VFOL
FAULT Output Low Voltage
IF = 1mA
l
0.07
0.4
V
tON
Turn-On Time
V+ = 24V, VGATE = 32V, CGATE = 1nF
100
220
400
µs
tOFF
Turn-Off Time
V+ = 24V, VGATE = 2V, CGATE = 1nF
25
100
µs
tOFF(CL)
Current Limit Turn-Off Time
V+ = 24V, (V+ – VSENSE)→0.1V, CGATE = 1nF
20
50
µs
with statistical process controls. The LT1910I is guaranteed to meet
performance specifications over the full –40°C to 125°C operating
temperature range.
Note 3: Guaranteed but not tested.
Typical perFormance characTerisTics
Supply Current vs Supply Voltage
Supply Current vs Temperature
Input Voltage vs Temperature
SUPPLY VOLTAGE (V)
0
2.4
2.8
3.2
3.6
40
1910 G01
2.0
1.6
2.2
2.6
3.0
3.4
1.8
1.4
1.2
10
20
30
50
ON STATE
OFF STATE
TA = 25°C
TEMPERATURE (°C)
–50
0
1.0
2.0
3.0
2.5
–25
0
25
50
1910 G02
75
4.0
5.0
0.5
1.5
3.5
4.5
125
100
V+ = 48V
ON STATE
OFF STATE
TEMPERATURE (°C)
–50
1.0
1.2
1.4
1.6
2.0
–25
0
25
50
1910 G03
75
125
100
1.8
0.8
VINH
VINL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com