Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDWX4F1C Datasheet(PDF) 4 Page - Seoul Semiconductor

Part # SDWX4F1C
Description  Enable High Flux and Cost Efficient System
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SDWX4F1C Datasheet(HTML) 4 Page - Seoul Semiconductor

  SDWX4F1C Datasheet HTML 1Page - Seoul Semiconductor SDWX4F1C Datasheet HTML 2Page - Seoul Semiconductor SDWX4F1C Datasheet HTML 3Page - Seoul Semiconductor SDWX4F1C Datasheet HTML 4Page - Seoul Semiconductor SDWX4F1C Datasheet HTML 5Page - Seoul Semiconductor SDWX4F1C Datasheet HTML 6Page - Seoul Semiconductor SDWX4F1C Datasheet HTML 7Page - Seoul Semiconductor SDWX4F1C Datasheet HTML 8Page - Seoul Semiconductor SDWX4F1C Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
www.seoulsemicon.com
Product Data Sheet
SDWx4F1C
– Chip on Board
4
Product Performance & Characterization Guide
Notes :
Part Number
CCT (K)
[1]
Typical Luminous Flux [2],
ФV [3] (lm)
Typical Forward Voltage,
VF [4] (V)
Typ.
700mA *
700mA *
SDW04F1C
5600
3303
34.1
5000
3330
34.1
4500
3376
34.1
4000
3397
34.1
SDW84F1C
5600
3084
34.1
5000
3141
34.1
4000
3026
34.1
3500
2943
34.1
3000
2888
34.1
2700
2824
34.1
SDW94F1C
4000
2410
34.1
3500
2297
34.1
3000
2253
34.1
2700
2140
34.1
(1) Correlated Color Temperature is derived from the CIE 1931 Chromaticity diagram. Color
coordinate :
0.01, CCT 5% tolerance.
(2) Seoul Semiconductor maintains a tolerance of ±7% on flux and power measurements.
(3) Ф
V is the total luminous flux output as measured with an integrating sphere.
(4) Tolerance is ±3% on forward voltage measurements.
(5) Tolerance is ±2 on CRI measurements.
* No values are provided by real measurement. Only for reference purpose.
Table 3. Electro Optical Characteristics, T
j=85ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com