Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDWX4F1C Datasheet(PDF) 5 Page - Seoul Semiconductor

Part # SDWX4F1C
Description  Enable High Flux and Cost Efficient System
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SDWX4F1C Datasheet(HTML) 5 Page - Seoul Semiconductor

  SDWX4F1C Datasheet HTML 1Page - Seoul Semiconductor SDWX4F1C Datasheet HTML 2Page - Seoul Semiconductor SDWX4F1C Datasheet HTML 3Page - Seoul Semiconductor SDWX4F1C Datasheet HTML 4Page - Seoul Semiconductor SDWX4F1C Datasheet HTML 5Page - Seoul Semiconductor SDWX4F1C Datasheet HTML 6Page - Seoul Semiconductor SDWX4F1C Datasheet HTML 7Page - Seoul Semiconductor SDWX4F1C Datasheet HTML 8Page - Seoul Semiconductor SDWX4F1C Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
www.seoulsemicon.com
Product Data Sheet
SDWx4F1C
– Chip on Board
5
Product Performance & Characterization Guide
Parameter
Symbol
Value
Unit
Min.
Typ.
Max.
Forward Current
IF
-
0.7
1.38
A
Power Dissipation
Pd
-
25.2
55.2
W
Junction Temperature
Tj
-
-
140
ºC
Operating Temperature
Topr
-40
-
85
ºC
Surface Temperature
TS
-
-
100
ºC
Storage Temperature
Tstg
-40
-
100
ºC
Thermal resistance (J to S)
[1]
R
θJ-S
-
0.48
-
K/W
ESD Sensitivity(HBM)
-
Class 3A JESD22-A114-E
Table 4. Absolute Maximum Characteristics, T
j=25ºC
Notes :
(1) Thermal Resistance : R
θ
J-S (Junction to Ts point)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com