Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1097 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1097
Description  Low Cost, Low Power Precision Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1097 Datasheet(HTML) 5 Page - Linear Technology

  LT1097 Datasheet HTML 1Page - Linear Technology LT1097 Datasheet HTML 2Page - Linear Technology LT1097 Datasheet HTML 3Page - Linear Technology LT1097 Datasheet HTML 4Page - Linear Technology LT1097 Datasheet HTML 5Page - Linear Technology LT1097 Datasheet HTML 6Page - Linear Technology LT1097 Datasheet HTML 7Page - Linear Technology LT1097 Datasheet HTML 8Page - Linear Technology LT1097 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1097
Output Short Circuit Current vs Time
TYPICAL PERFORMANCE CHARACTERISTICS
0.1Hz to 10Hz Noise
0.01Hz to 10Hz Noise
Noise Spectrum
TIME (SECONDS)
02468
10
1097 • G08
VS = ±1.2V TO ±20V
TA = 25°C
TIME FROM OUTPUT SHORT (MINUTES)
0123
1097 • G07
20
15
10
5
0
–5
–10
–15
–20
VS = ±15V
TA = 25°C
TIME (SECONDS)
0
20406080
100
1097 • G09
VS = ±1.2V TO ±20V
TA = 25°C
FREQUENCY (Hz)
1
1
10
100
1000
10
100
1000
1097 • G10
TA = 25°C
VS = ±1.2V TO ±20V
VOLTAGE NOISE
1/f CORNER
2.5Hz
1/f CORNER
140Hz
CURRENT NOISE
OUTPUT VOLTAGE (V)
–15
–5
5
–10
0
10
15
1097 • G11
–30
–20
–10
0
10
20
30
Vs = ±15 V
TA = 25°C
RL = 10k
RL = 10k
RL = 2k
RL = 2k
Voltage Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com