Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1097 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1097
Description  Low Cost, Low Power Precision Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1097 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1097 Datasheet HTML 2Page - Linear Technology LT1097 Datasheet HTML 3Page - Linear Technology LT1097 Datasheet HTML 4Page - Linear Technology LT1097 Datasheet HTML 5Page - Linear Technology LT1097 Datasheet HTML 6Page - Linear Technology LT1097 Datasheet HTML 7Page - Linear Technology LT1097 Datasheet HTML 8Page - Linear Technology LT1097 Datasheet HTML 9Page - Linear Technology LT1097 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1097
FREQUENCY (Hz)
0.01 0.1
1
10 100 1k 10k 100k 1M 10M
1097 • G12
140
120
100
80
60
40
20
0
–20
VS = ±15V
TA = 25°C
FREQUENCY (MHz)
0.01
40
30
20
10
0
–10
100
120
140
160
180
200
0.1
1
10
1097 • G13
VS = ±15V
TA = 25°C
PHASE
GAIN
PHASE MARGIN = 70
°C
FREQUENCY (Hz)
1
10
100
1k
10k
100k
1M
1097 • G14
140
120
100
80
60
40
20
0
VS = ±15V
TA = 25°C
FREQUENCY (Hz)
0.1
1
10
100
1k
10k
100k
1M
1097 • G15
140
120
100
80
60
40
20
VS = ±15V
TA = 25°C
POSITIVE SUPPLY
NEGATIVE SUPPLY
OVERCOMPENSATION CAPACITOR (pF)
1
100
1000
10000
1097 • G16
10
1
0.1
0.01
0.001
1000
100
10
1
VS = ±15V
TA = 25°C
SLEW
GBW
Voltage Gain vs Frequency
Gain, Phase Shift vs Frequency
Common Mode Rejection vs
Frequency
Power Supply Rejection vs
Frequency
Slew Rate, Gain Bandwidth
Product vs Overcompensation
Capacitor
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com