Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1108 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1108
Description  Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1108 Datasheet(HTML) 3 Page - Linear Technology

  LT1108 Datasheet HTML 1Page - Linear Technology LT1108 Datasheet HTML 2Page - Linear Technology LT1108 Datasheet HTML 3Page - Linear Technology LT1108 Datasheet HTML 4Page - Linear Technology LT1108 Datasheet HTML 5Page - Linear Technology LT1108 Datasheet HTML 6Page - Linear Technology LT1108 Datasheet HTML 7Page - Linear Technology LT1108 Datasheet HTML 8Page - Linear Technology LT1108 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1108
TA = 25°C, VIN = 3V, unless otherwise noted.
ELECTRICAL C
C
HARA TERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VSAT
SWSAT Voltage, Step-Down Mode
VIN = 12V, ISW = 650mA
1.1
1.5
V
q
1.7
V
AV
Gain Block Gain
RL = 100k (Note 3)
q
400
1000
V/ V
Current Limit
220
Ω from ILIM to VIN
400
mA
Current Limit Temperature Coefficient
q
– 0.3
%/
°C
Switch OFF Leakage Current
Measured at SW1 Pin
1
10
µA
VSW2
Maximum Excursion Below GND
ISW1 ≤ 10µA, Switch OFF
– 400
– 350
mV
Note 2: The output voltage waveform will exhibit a sawtooth shape due to
the comparator hysteresis. The output voltage on the fixed output versions
will always be within the specified range.
Note 3: 100k resistor connected between a 5V source and the A0 pin.
The q denotes specifications which apply over the full operating
temperature range.
Note 1: This specification guarantees that both the high and low trip points
of the comparator fall within the 1.2V to 1.3V range.
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
RLIM (Ω)
10
100
1000
LT1108 • TPC03
1000
1200
1100
900
800
700
600
500
400
300
200
100
2V
≤ VIN ≤ 5V
Saturation Voltage Step-Up Mode
(SW2 Pin Grounded)
Switch ON Voltage
Step-Down Mode
(SW1 Pin Connected to VIN)
Maximum Switch Current
vs RLIM
Saturation Voltage Step-Up Mode
(SW2 Pin Grounded)
R LIM (Ω)
100
0
200
400
600
800
1000
LT1108 • TPC04
100
300
500
700
900
1000
VOUT = 5V
VIN = 24V
L = 500
µH
VIN = 12V
L = 250
µH
Supply Current vs Switch Current
Quiescent Current
TEMPERATURE (°C)
–50
95
100
105
25
75
LT1108 • TPC06
90
85
80
–25
0
50
110
115
120
100
SWITCH CURRENT (A)
0
0
0.2
0.4
0.6
0.8
1.2
0.2
0.4
0.6
0.8
LT1108 • TPC01
1.0
1.2
1.0
VIN = 2V
VIN = 5V
VIN = 3V
SWITCH CURRENT (A)
0
1.1
1.2
1.3
0.6
LT1108 • TPC02
1.0
0.9
0.2
0.4
0.8
0.8
0.7
1.4
0.5
0.1
0.3
0.7
SWITCH CURRENT (mA)
0
30
40
50
800
LTC1108 • TPC05
20
10
0
200
400
600
1000
VIN = 5V
VIN = 2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com