Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1108 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1108
Description  Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1108 Datasheet(HTML) 4 Page - Linear Technology

  LT1108 Datasheet HTML 1Page - Linear Technology LT1108 Datasheet HTML 2Page - Linear Technology LT1108 Datasheet HTML 3Page - Linear Technology LT1108 Datasheet HTML 4Page - Linear Technology LT1108 Datasheet HTML 5Page - Linear Technology LT1108 Datasheet HTML 6Page - Linear Technology LT1108 Datasheet HTML 7Page - Linear Technology LT1108 Datasheet HTML 8Page - Linear Technology LT1108 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1108
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
GND (Pin 5): Ground.
AO (Pin 6): Auxiliary gain block (GB) output. Open collector,
can sink 100
µA.
SET (Pin 7): GB input. GB is an op amp with positive input
connected to SET pin and negative input connected to
1.245V reference.
FB/SENSE (Pin 8): On the LT1108 (adjustable) this pin
goes to the comparator input. On the LT1108-5 and
LT1108-12, this pin goes to the internal application resistor
that sets output voltage.
Oscillator Frequency
Duty Cycle
Switch-ON Time
TEMPERATURE (°C)
13
14
16
17
18
22
LT1108 • TPC07
15
19
20
21
–50
25
75
–25
0
50
100
TEMPERATURE (°C)
50
55
60
65
70
80
LT1108 • TPC08
75
–50
25
75
–25
0
50
100
Minimum/Maximum Frequency
Switch Saturation Voltage
Switch Saturation Voltage
vs ON-Time
Step-Up Mode
Step-Down Mode
PI
FU C
S
TI
ILIM (Pin 1): Connect this pin to VIN for normal use. Where
lower current limit is desired, connect a resistor between
ILIM and VIN. A 220Ω resistor will limit the switch current
to approximately 400mA.
VIN (Pin 2): Input supply voltage.
SW1 (Pin 3): Collector of power transistor. For step-up
mode connect to inductor/diode. For step-down mode
connect to VIN.
SW2 (Pin 4): Emitter of power transistor. For step-up
mode connect to ground. For step-down mode connect to
inductor/diode. This pin must never be allowed to go more
than a Schottky diode drop below ground.
TEMPERATURE (˚C)
–50
38
40
42
25
75
LT1108 • TPC09
36
34
–25
0
50
100
32
30
44
TEMPERATURE (°C)
–50
0.3
0.4
0.5
25
75
LT1108 • TPC11
0.2
0.1
0
–25
0
50
0.6
0.7
0.8
100
ISW = 650mA
TEMPERATURE (°C)
–50
0.8
1.0
1.1
1.2
1.3
1.4
1.5
–25
0
25
50
LT1108 • TPC12
75
1.6
1.7
1.8
0.9
100
ISW = 650mA
ON-TIME (
µs)
25
20
24
28
45
LT1108 • TPC10
16
12
0
30
35
40
50
18
22
26
14
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com