Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1114AC Datasheet(PDF) 10 Page - Linear Technology

Part # LT1114AC
Description  Dual/Quad Low Power Precision, Picoamp Input Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1114AC Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1114AC Datasheet HTML 4Page - Linear Technology LT1114AC Datasheet HTML 5Page - Linear Technology LT1114AC Datasheet HTML 6Page - Linear Technology LT1114AC Datasheet HTML 7Page - Linear Technology LT1114AC Datasheet HTML 8Page - Linear Technology LT1114AC Datasheet HTML 9Page - Linear Technology LT1114AC Datasheet HTML 10Page - Linear Technology LT1114AC Datasheet HTML 11Page - Linear Technology LT1114AC Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LT1112/LT1114
S
APPLICATI
I FOR ATIO
800mV of the supplies. The effect of input and output
overdrive on the other amplifiers in the LT1112 or
LT1114 packages is negligible, as each amplifier is
biased independently.
Advantages of Matched Dual and Quad Op Amps
In many applications the performance of a system de-
pends on the matching between two operational amplifi-
ers rather than the individual characteristics of the two op
amps. Two or three op amp instrumentation amplifiers,
tracking voltage references and low drift active filters are
some of the circuits requiring matching between two op
amps.
The well-known triple op amp configuration illustrates
these concepts. Output offset is a function of the differ-
ence between the offsets of the two halves of the LT1112.
This error cancellation principle holds for a considerable
number of input referred parameters in addition to offset
voltage and its drift with temperature. Input bias current
will be the average of the two noninverting input currents
(IB+). The difference between these two currents (∆IB+) is
the offset current of the instrumentation amplifier. Com-
mon-mode and power supply rejections will be dependent
only on the match between the two amplifiers (assuming
perfect resistor matching).
The concepts of common-mode and power supply rejec-
tion ratio match (
∆CMRR and ∆PSRR) are best demon-
strated with a numerical example:
Assume CMRRA = +1µV/V or 120dB,
and CMRRB = +0.75µV/V or 122.5dB,
then
∆CMRR = 0.25µV/V or 132dB;
if CMRRB = – 0.75µV/V which is still 122.5dB,
then
∆CMRR = 1.75µV/V or 115dB.
Clearly the LT1112/LT1114, by specifying and guarantee-
ing all of these matching parameters, can significantly
improve the performance of matching-dependent
circuits.
Typical performance of the instrumentation amplifier:
Input offset voltage = 35
µV
Offset voltage drift = 0.3
µV/°C
Input bias current = 80pA
Input offset current = 100pA
Input resistance = 800G
Ω
Input noise = 0.42
µVP-P
Three Op Amp Instrumentation Amplifier
When the instrumentation amplifier is used with high
impedance sources, the LT1114 is recommended be-
cause its CMRR vs frequency performance is better than
the LT1112’s. For example, with two matched 1M
Ωsource
resistors, CMRR at 100Hz is 100dB with the LT1114, 76dB
with the LT1112.
This difference is explained by the fact that capacitance
between adjacent pins on an IC package is about 0.25pF
(including package, socket and PC board trace capaci-
tances).
On the dual op amp package, positive input A is next to the
V – pin (AC ground), while positive input B has no AC
ground pin adjacent to it, resulting in a 0.25pF input
capacitance mismatch. At 100Hz, 0.25pF represents a
6.4
× 109 input impedance mismatch, which is only 76dB
higher than the 1M
Ω source resistors.
On the quad package, all four inputs are adjacent to a
power supply terminal–therefore, there is no mismatch.
–
+
1/2 LT1112
OR
1/4 LT1114
A
1/2 LT1112
OR
1/4 LT1114
D
IN–
IN+
R1
10k
1%
R3
2.1k
1%
R8
200
Ω
R2
10k
1%
R4
100
Ω
0.5%
R5
100
Ω
0.5%
C1
33pF
R10
1M
R6
10k
0.5%
R7
9.88k
0.5%
R9
200
Ω
OUTPUT
LT1097 OR
1/4LT1114
B OR C
GAIN = 1000
TRIM R8 FOR GAIN
TRIM R9 FOR DC
COMMON-MODE REJECTION
TRIM R10 FOR AC
COMMON-MODE REJECTION
LT1112/14 • AI02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com