Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1114AC Datasheet(PDF) 11 Page - Linear Technology

Part # LT1114AC
Description  Dual/Quad Low Power Precision, Picoamp Input Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1114AC Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1114AC Datasheet HTML 4Page - Linear Technology LT1114AC Datasheet HTML 5Page - Linear Technology LT1114AC Datasheet HTML 6Page - Linear Technology LT1114AC Datasheet HTML 7Page - Linear Technology LT1114AC Datasheet HTML 8Page - Linear Technology LT1114AC Datasheet HTML 9Page - Linear Technology LT1114AC Datasheet HTML 10Page - Linear Technology LT1114AC Datasheet HTML 11Page - Linear Technology LT1114AC Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LT1112/LT1114
APPLICATI
TYPICAL
Dual Buffered
±0.617V Reference Powered by Two AA Batteries
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of circuits as described herein will not infringe on existing patent rights.
SCHE ATIC DIAGRA
(1/2 LT1112, 1/4 LT1114)
–
+
1/2 LT1112
15k
RX*
*OPTIONAL
+1.5V
+0.617V
LT1004-1.2
100pF
RY*
*OPTIONAL
–1.5V
–0.617V
TOTAL SUPPLY CURRENT = 700
µA
WORKS WITH BATTERIES DISCHARGED
TO ±1.3V
AT ±1.5V: MAXIMUM LOAD CURRENT = 800
µA;
CAN BE INCREASED WITH OPTIONAL RX, RY;
AT RX = RY = 750Ω LOAD CURRENT = 2mA
TEMPERATURE COEFFICIENT LIMITED BY
REFERENCE = 20ppm/°C
LT1112/14 • TA03
1/2 LT1112
20k
0.1%
20k
0.1%
12pF
30k
Q35
800
Ω
30pF
Q34
Q5
Q6
4k
35
µA
20
µA
Q22
Q21
Q8
Q4
Q7
Q13
Q3
S
Q2
S
Q1
S
INVERTING
INPUT
NONINVERTING
INPUT
S
Q9
Q10
Q11
50k
1.5k
Q12
V–
15
µA
5
µA
5
µA
J1
460
Ω
Q15
Q14
460
Ω
460
Ω
Q17
Q25
Q19
Q27
1.5k
Q33
Q29
80
µA
28
Ω
90
Ω
30
Ω
Q20
OUT
Q26
Q30
Q31
200
Ω
200
Ω
V+
Q24
Q16
2.5k
Q32
Q28
Q1 TO Q4 ARE SUPERGAIN TRANSISTORS
LT1112/14 • SD01
10k
Q18
+
–
30k
Q23
3k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com