Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1124 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1124
Description  Dual/Quad Low Noise, High Speed Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1124 Datasheet(HTML) 4 Page - Linear Technology

  LT1124 Datasheet HTML 1Page - Linear Technology LT1124 Datasheet HTML 2Page - Linear Technology LT1124 Datasheet HTML 3Page - Linear Technology LT1124 Datasheet HTML 4Page - Linear Technology LT1124 Datasheet HTML 5Page - Linear Technology LT1124 Datasheet HTML 6Page - Linear Technology LT1124 Datasheet HTML 7Page - Linear Technology LT1124 Datasheet HTML 8Page - Linear Technology LT1124 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1124/LT1125
Note 7: Slew rate is measured in AV = –1; input signal is ±7.5V, output
measured at
±2.5V.
Note 8: 0.1Hz to 10Hz noise can be inferred from the 10Hz noise voltage
density test. See the test circuit and frequency response curve for 0.1Hz to
10Hz tester in the Applications Information section of the LT1007 or
LT1028 data sheets.
Note 9: This parameter is guaranteed but not tested.
Note 10: The LT1124C/LT1125C and LT1124AC/LT1125AC are guaranteed
to meet specified performance from 0
°C to 70°C and are designed,
characterized and expected to meet these extended temperature limits, but
are not tested at –40
°C and 85°C. The LT1124AI and LT1124I are
guaranteed to meet the extended temperature limits.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Typical parameters are defined as the 60% yield of parameter
distributions of individual amplifiers; i.e., out of 100 LT1125s (or 100
LT1124s) typically 240 op amps (or 120) will be better than the indicated
specification.
Note 3: This parameter is 100% tested for each individual amplifier.
Note 4: This parameter is sample tested only.
Note 5: This parameter is not 100% tested.
Note 6: The inputs are protected by back-to-back diodes. Current limiting
resistors are not used in order to achieve low noise. If differential input
voltage exceeds
±1.4V, the input current should be limited to 25mA.
ELECTRICAL C
C
HARA TERISTICS The q denotes the specifications which apply over the 0°C ≤ T
A ≤ 70°C
temperature range, VS = ±15V, unless otherwise noted.
LT1124AC
LT1124C
LT1125AC
LT1125C
SYMBOL
PARAMETER
CONDITIONS (Note 2)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT1124
q
35
120
45
170
µV
LT1125
q
40
140
50
210
µV
∆VOS
Average Input Offset
(Note 5)
q
0.3
1
0.4
1.5
µV/°C
∆Temp
Voltage Drift
IOS
Input Offset Current
LT1124
q
625
7
35
nA
LT1125
q
735
8
45
nA
IB
Input Bias Current
q
±8
±35
±9
±45
nA
VCM
Input Voltage Range
q
±11.5 ±12.4
±11.5 ±12.4
V
CMRR
Common Mode Rejection Ratio
VCM = ±11.5V
q
109
125
102
122
dB
PSRR
Power Supply Rejection Ratio
VS = ±4V to ±18V
q
112
125
107
122
dB
AVOL
Large-Signal Voltage Gain
RL ≥ 10k, VOUT = ±10V
q
4.0
15
2.5
14
V/
µV
RL ≥ 2k, VOUT = ±10V
q
1.5
3.5
1.0
2.5
V/
µV
VOUT
Maximum Output Voltage Swing
RL ≥ 2k
q
±12.5 ±13.7
±12
±13.7
V
SR
Slew Rate
RL ≥ 2k (Notes 3, 7)
q
2.6
4
2.4
4
V/
µs
IS
Supply Current per Amplifier
q
2.4
3
2.4
3
mA
The q denotes the specifications which apply over the –40
°C ≤ TA ≤ 85°C temperature range, VS = ±15V,
unless otherwise noted. (Note 10)
LT1124AC/AI
LT1124C/I
LT1125AC
LT1125C
SYMBOL
PARAMETER
CONDITIONS (Note 2)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT1124
q
40
140
50
200
µV
LT1125
q
45
160
55
240
µV
∆VOS
Average Input Offset
(Note 5)
q
0.3
1
0.4
1.5
µV/°C
∆Temp
Voltage Drift
IOS
Input Offset Current
LT1124
q
15
40
17
55
nA
LT1125
q
15
50
17
65
nA
IB
Input Bias Current
q
±15
±50
±17
±65
nA
VCM
Input Voltage Range
q
±11.4 ±12.2
±11.4 ±12.2
V
CMRR
Common Mode Rejection Ratio
VCM = ±11.4V
q
107
124
101
121
dB
PSRR
Power Supply Rejection Ratio
VS = ±4V to ±18V
q
111
124
106
121
dB
AVOL
Large-Signal Voltage Gain
RL ≥ 10k, VOUT = ±10V
q
3.5
12
2.2
12
V/
µV
RL ≥ 2k, VOUT = ±10V
q
1.2
3.2
0.8
2.3
V/
µV
VOUT
Maximum Output Voltage Swing
RL ≥ 2k
q
±12.5 ±13.6
±12
±13.6
V
SR
Slew Rate
RL ≥ 2k (Notes 3, 7)
q
2.4
3.9
2.1
3.9
V/
µs
IS
Supply Current per Amplifier
q
2.4
3.25
2.4
3.25
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com