Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1124 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1124
Description  Dual/Quad Low Noise, High Speed Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1124 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1124 Datasheet HTML 2Page - Linear Technology LT1124 Datasheet HTML 3Page - Linear Technology LT1124 Datasheet HTML 4Page - Linear Technology LT1124 Datasheet HTML 5Page - Linear Technology LT1124 Datasheet HTML 6Page - Linear Technology LT1124 Datasheet HTML 7Page - Linear Technology LT1124 Datasheet HTML 8Page - Linear Technology LT1124 Datasheet HTML 9Page - Linear Technology LT1124 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1124/LT1125
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Voltage Gain vs Frequency
Voltage Gain vs Temperature
Gain, Phase Shift vs Frequency
Offset Voltage Drift with
Input Offset Voltage Drift
Temperature of Representative
Distribution
Units
Supply Current vs Supply Voltage
Output Voltage Swing vs
Small-Signal Transient Response
Large-Signal Transient Response
Load Current
FREQUENCY (Hz)
0.01
–20
20
140
180
1
100
10k
100M
1124/25 G10
60
100
1M
VS = ±15V
TA = 25°C
TEMPERATURE (
°C)
–75
0
6
12
20
–50
25
75
125
1124/25 G11
–25
0
50
100
LT1124AM/LT1125AM
2
4
8
10
14
16
18
LT1124M/LT1125M
L
L
LT1124AM/LT1125AM
LT1124M/LT1125M
R = 10k
R = 2k
V = 15V
V
= 10V
S
±
±
OUT
FREQUENCY (MHz)
0.1
–10
0
30
40
50
1
10
100
1124/25 G12
10
20
GAIN
Ø
VS = ±15V
TA = 25°C
CL = 10pF
180
120
80
140
160
100
200
INPUT OFFSET VOLTAGE DRIFT (
µV/°C)
–0.8
10
20
30
0.4
0.8
1124/25 G13
–0.4
0
N8
S8
J8
396 UNITS TESTED
200
100
96
VS = ±15V
40
0
TEMPERATURE (
°C)
–50
–50
–20
20
–25
75
125
1124/25 G14
0
25
50
100
–40
–30
0
10
30
40
50
–10
VS = ±15V
SUPPLY VOLTAGE (V)
0
0
1
2
3
±5
±10
±15
±20
1124/25 G15
125
°C
25
°C
–55
°C
OUTPUT CURRENT (mA)
–8
1.0
–1.6
–1.4
48
1124/25 G18
–6
0
–10
–4 –2
2
6
10
0.4
0.6
0.8
1.2
–1.2
–1.0
–0.8
ISINK
ISOURCE
V –
V +
125
°C
–55
°C
–55
°C
125
°C
25
°C
VS = ±3V TO ±18V
25
°C
50mV
0
– 50mV
AVCL = +1
VS = ±15V or ±5V
CL = 15pF
1124/25 G16
10V
0
– 10V
AVCL = –1
VS = ±15V
1124/25 G17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com