Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1158CS Datasheet(PDF) 12 Page - Linear Technology

Part # LT1158CS
Description  Half Bridge N-Channel Power MOSFET Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1158CS Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1158CS Datasheet HTML 8Page - Linear Technology LT1158CS Datasheet HTML 9Page - Linear Technology LT1158CS Datasheet HTML 10Page - Linear Technology LT1158CS Datasheet HTML 11Page - Linear Technology LT1158CS Datasheet HTML 12Page - Linear Technology LT1158CS Datasheet HTML 13Page - Linear Technology LT1158CS Datasheet HTML 14Page - Linear Technology LT1158CS Datasheet HTML 15Page - Linear Technology LT1158CS Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LT1158
12
Figure 5. Adding Zero Current Shutdown
Short-Circuit Protection in Bridge Applications
The LT1158 protects the top power MOSFET from output
shorts to ground, or in a full bridge application, shorts
across the load. Both standard 3-lead MOSFETs and
current-sensing 5-lead MOSFETs can be protected. The
bottom MOSFET is not protected from shorts to supply.
Current is sensed by measuring the voltage across a
current shunt in the source lead of a standard 3-lead
MOSFET (Figure 6). For the current-sensing MOSFET
Low Current Shutdown
The LT1158 may be shutdown to a current level of 2mA by
pulling the enable pin 4 low. In this state both the top and
bottom MOSFETs are actively held off against any tran-
sients which might occur on the output during shutdown.
This is important in applications such as 3-phase DC
motor control when one of the phases is disabled while the
other two are switching.
If zero standby current is required and the load returns to
ground, then a switch can be inserted into the supply path
of the LT1158 as shown in Figure 5. Resistor RGS ensures
that the top MOSFET gate discharges, while the voltage
across the bottom MOSFET goes to zero. The voltage drop
across the P-channel supply switch must be less than
300mV, and RGS must be 330k or greater for DC operation.
This technique is not recommended for applications which
require the LT1158 VDS sensing function.
100k
V+
V+
LT1158
+
VP0300
RGS
1158 F05
LOAD
GND
+
TO OTHER
CONTROL
CIRCUITS
CMOS
ON/OFF
100k
V+
T GATE DR
T GATE FB
T SOURCE
B GATE DR
B GATE FB
2N2222
shown in Figure 7, the sense resistor is inserted between
the sense and Kelvin leads.
The sense+ and sense– PC traces must be routed together
at minimum spacing to prevent stray pickup, and a Kelvin
connection must be used at the current shunt for the 3-
lead MOSFET. Using a twisted pair is the safest approach
and is recommended for sense runs of several inches.
When the voltage across RSENSE exceeds 110mV, the
LT1158 fault pin begins to conduct, signaling a fault
condition. The current in a short circuit ramps very rapidly,
limited only by the series inductance and ultimately the
MOSFET and shunt resistance. Due to the response time
of the LT1158 current limit loop, an initial current spike of
Figure 7. Short-Circuit Protection with Current-Sensing MOSFET
T GATE DR
T GATE FB
T SOURCE
SENSE+
SENSE–
FAULT
LT1158
5V
+
V+
1158 F07
10k
RSENSE
KELVIN
SENSE
OUTPUT
Figure 6. Short-Circuit Protection with Standard MOSFET
T GATE DR
T GATE FB
T SOURCE
SENSE+
SENSE–
FAULT
LT1158
RSENSE
5V
+
V+
1158 F06
10k
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com