Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1158CS Datasheet(PDF) 19 Page - Linear Technology

Part # LT1158CS
Description  Half Bridge N-Channel Power MOSFET Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1158CS Datasheet(HTML) 19 Page - Linear Technology

Back Button LT1158CS Datasheet HTML 12Page - Linear Technology LT1158CS Datasheet HTML 13Page - Linear Technology LT1158CS Datasheet HTML 14Page - Linear Technology LT1158CS Datasheet HTML 15Page - Linear Technology LT1158CS Datasheet HTML 16Page - Linear Technology LT1158CS Datasheet HTML 17Page - Linear Technology LT1158CS Datasheet HTML 18Page - Linear Technology LT1158CS Datasheet HTML 19Page - Linear Technology LT1158CS Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
LT1158
19
Control Logic for Locked Anti-Phase Drive
Motor stops if either side is shorted to ground
Control Logic for Sign/Magnitude Drive
+
1
µF
1N4148
PWM
DIRECTION
STOP
(FREE RUN)
ENABLE A
INPUT A
FAULT A
ENABLE B
INPUT B
FAULT B
74HC02
1158F17b
0.1
µF
1N4148
PWM
5V
ENABLE A
INPUT A
FAULT A
ENABLE B
INPUT B
FAULT B
74HC132
1158F17c
5.1k
0.01
µF
150k
Figure 17. 10A Full Bridge Motor Control
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
TYPICAL APPLICATIONS
LT1158 F17a
+
0.01
µF
LOW
ESR
15
Ω
SIDE B: SHOWS
CURRENT-SENSING
MOSFET CONNECTION
10V TO 30V
0.1
µF
Q1, Q3: IRF540 (STANDARD)
IRC540 (SENSE FET)
Q2, Q4: IRFZ44
D1, D2: BAT83
RS: DALE TYPE LVR-3
ULTRONIX RCS01
1N4148
+
+
–
Q2
0.01
µF
15
Ω
15
Ω
10
µF
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
BOOST
T GATE DR
T GATE FB
T SOURCE
SENSE+
SENSE–
V+
B GATE DR
BOOST DR
V+
BIAS
ENABLE
FAULT
INPUT
GND
B GATE FB
LT1158
1N4148
–
Q1
Q4
RS
0.015
Ω
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
BOOST
T GATE DR
T GATE FB
T SOURCE
SENSE+
SENSE–
V+
B GATE DR
BOOST DR
V+
BIAS
ENABLE
FAULT
INPUT
GND
B GATE FB
LT1158
Q3
+
ENABLE A
INPUT A
FAULT A
ENABLE B
INPUT B
FAULT B
10
µF
470
µF
LOW
ESR
470
µF
15
Ω
2.4k
2.4k
0.1
µF
+
D1
47
Ω
D2
SIDE A: SHOWS
STANDARD MOSFET
CONNECTION
+
Μ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com