Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM119J Datasheet(PDF) 2 Page - Linear Technology

Part # LM119J
Description  Dual Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM119J Datasheet(HTML) 2 Page - Linear Technology

  LM119J Datasheet HTML 1Page - Linear Technology LM119J Datasheet HTML 2Page - Linear Technology LM119J Datasheet HTML 3Page - Linear Technology LM119J Datasheet HTML 4Page - Linear Technology LM119J Datasheet HTML 5Page - Linear Technology LM119J Datasheet HTML 6Page - Linear Technology LM119J Datasheet HTML 7Page - Linear Technology LM119J Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LT119A/LT319A
LM119/LM319
PACKAGE/ORDER INFORMATION
ABSOLUTE MAXIMUM RATINGS
TJMAX = 150°C, θJA = 150°C/ W, θJc = 45°C/ W
1
2
3
4
5
6
7
TOP VIEW
J PACKAGE
14-LEAD CERAMIC DIP
N PACKAGE
14-LEAD PLASTIC DIP
14
13
12
11
10
9
8
NC
NC
GND
+INPUT
– INPUT
V –
OUTPUT 2
NC
NC
OUTPUT 1
V +
– INPUT 2
+INPUT 2
GND 2
TJMAX = 150°C, θJA = 100°C/ W (J)
TJMAX = 85°C, θJA = 100°C/ W (N)
ELECTRICAL CHARACTERISTICS
Supply Voltage ........................................................ 36V
Output to Negative Supply Voltage .......................... 36V
Ground to Negative Supply Voltage ......................... 25V
Ground to Positive Supply Voltage .......................... 18V
Differential Input Voltage (Note 5) ..........................
± 5V
Differential Input Current (Note 5) ........................
±5mA
Input Voltage (Note 1)
Output Short-Circuit Duration ................................... 10s
Operating Temperature Range
LT119A, LM119 ............................... – 55
°C to 125°C
LT319A, LM319 ...................................... 0
°C to 70°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
Consult factory for Industrial and Military grade parts.
LT119A
LT119
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VS = ±15V, VCM = 0
0.3
0.5
4
mV
VOS
Input Offset Voltage
(Note 3)
0.5
1.0
0.7
4
mV
q
1.2
2.0
7
mV
CMRR
Common-Mode Rejection Ratio
90
106
dB
IOS
Input Offset Current
(Note 3)
20
40
30
75
nA
q
75
100
nA
IB
Input Bias Current
(Note 3)
150
500
150
500
nA
q
1000
1000
nA
AV
Voltage Gain
20
40
10
40
V/mV
Response Time
(Note 4)
80
80
ns
VSAT
Saturation Voltage
VIN ≤ –5mV, IO = 25mA
0.75
1.5
0.75
1.5
V
V+
≥ 4.5V, V– = 0V
VIN ≤ –6mA, ISINK ≤ 3.2mA
TA ≥ 0°C
0.23
0.4
0.23
0.4
V
TA ≤ 0°C
0.6
0.6
V
Output Leakage Current
VIN ≥ 5mV, VOUT = 35V
0.2
2
0.2
2
µA
q
110
1
10
µA
Input Voltage Range
VS = ±15V
q
–12
±13
12
–12
±13
12
V
V+ = 5V, V– = 0V
q
13
1
3
V
(Note 2)
TOP VIEW
– INPUT 2
V+
V –
10
9
8
6
4
2
1
5
H PACKAGE
10-LEAD TO-5 METAL CAN
7
3
GND 2
OUTPUT 2
+INPUT 1
–INPUT 1
GND
OUTPUT 1
+INPUT 2
LT119AH
LM119H
LT319AH
LM319H
LT119AJ
LM119J
LT319AJ
LM319J
LT319AN
LM319N
ORDER PART
NUMBER



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com