Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM119J Datasheet(PDF) 4 Page - Linear Technology

Part # LM119J
Description  Dual Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM119J Datasheet(HTML) 4 Page - Linear Technology

  LM119J Datasheet HTML 1Page - Linear Technology LM119J Datasheet HTML 2Page - Linear Technology LM119J Datasheet HTML 3Page - Linear Technology LM119J Datasheet HTML 4Page - Linear Technology LM119J Datasheet HTML 5Page - Linear Technology LM119J Datasheet HTML 6Page - Linear Technology LM119J Datasheet HTML 7Page - Linear Technology LM119J Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LT119A/LT319A
LM119/LM319
TYPICAL PERFORMANCE CHARACTERISTICS
Input Currents
Transfer Function
Response Time for Various
Input Overdrives
TIME (ns)
–100
–50
0
1
2
4
50
150
200
LT119/319 G4
0
5
6
3
0
100
250 300
350
2mV
20mV
5mV
VS = ±15V
RL = 500Ω
V++ = 5V
TA = 25°C
Response Time for Various
Input Overdrives
TIME (ns)
–100
–50
0
1
2
4
50
150
200
LT119/319 G6
0
5
6
3
0
100
250 300
350
20mV
2mV
5mV
VS = 5V
RL = 500Ω
V++ = 5V
TA = 25°C
Output Saturation Voltage
OUTPUT VOLTAGE (V)
0
15
20
25
0.8
LT119/319 G7
10
5
0
0.2
0.4
0.6
1.0
VS = ±15V
INPUT OVERDRIVE = 5mV
TJ = 25°C
OUTPUT VOLTAGE (V)
0
0
20
40
60
80
120
5
10
LT119/319 G9
15
100
0
0.2
0.4
0.6
0.8
1.2
1.0
TJ = 25°C
SHORT-CIRCUIT CURRENT
AFTER 3 MINUTES
POWER DISSIPATION
Supply Current
Response Time for Various
Input Overdrives
TIME (ns)
0
50
0
1
2
4
50
150
200
LT119/319 G5
100
5
6
3
0
100
250 300
350
20mV
2mV
5mV
VS = 5V
RL = 500Ω
V++ = 5V
TA = 25°C
DIFFERENTIAL INPUT VOLTAGE (V)
–10
200
300
400
6
LT119/319 G2
100
0
–100
–6
–2
2
10
VS = ±15V
TA = 25°C
MAXIMUM
DIFFERENTIAL
INPUT VOLTAGE
Input Characteristics
SUPPLY VOLTAGE (V)
0
0
2
4
6
8
510
15
20
LT119/319 G8
10
12
POSITIVE SUPPLY
NEGATIVE SUPPLY
TJ = 25°C
DIFFERENTIAL INPUT VOLTAGE (mV)
–1.0
30
40
0.6
LT119/319 G1
20
10
0
–0.6
–0.2
0.2
1.0
25
35
15
5.0
6
8
4
2
0
5
7
3
1
V ++ = 36V
V ++ = 5V
VS = ±15V
RL = 1.4k
TA = 25°C
TEMPERATURE (°C)
–55
0
50
150
200
250
–15
25
45
125
LT119/319 G3
100
–35
5
65
85 105
VS = ±15V
BIAS
OFFSET
Output Limiting Characteristics



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com