Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1218CS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1218CS8
Description  Precision Rail-to-Rail Input and Output Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1218CS8 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1218CS8 Datasheet HTML 4Page - Linear Technology LT1218CS8 Datasheet HTML 5Page - Linear Technology LT1218CS8 Datasheet HTML 6Page - Linear Technology LT1218CS8 Datasheet HTML 7Page - Linear Technology LT1218CS8 Datasheet HTML 8Page - Linear Technology LT1218CS8 Datasheet HTML 9Page - Linear Technology LT1218CS8 Datasheet HTML 10Page - Linear Technology LT1218CS8 Datasheet HTML 11Page - Linear Technology LT1218CS8 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1218/LT1219
TYPICAL PERFORMANCE CHARACTERISTICS
VOS Distribution, VCM = 0V
INPUT OFFSET VOLTAGE (
µV)
30
25
20
15
10
5
0
–60
–20
20
60
LT1218/19 • TPC01
100
–100
VS = 5V, 0V
VCM = 0V
INPUT OFFSET VOLTAGE (
µV)
30
25
20
15
10
5
0
–60
–20
20
60
LT1218/19 • TPC03
100
–100
VS = 5V, 0V
VCM = 5V
VOS Distribution, VCM = 5V
INPUT OFFSET VOLTAGE (
µV)
–100
40
35
30
25
20
15
10
5
0
60
LT1218/19 • TPC02
–60
–20
20
100
VS = 5V, 0V
VCM = 0V TO 5V
VOS Shift, VCM = 0V to 5V
Supply Current vs Temperature
Input Bias Current vs
Common Mode Voltage
Minimum Supply Voltage
TEMPERATURE (
°C)
–40
500
400
300
200
100
0
0
40
60
LT1218/19 • TPC04
–20
20
80
100
VS = ±15V
VS = ±2.5V
COMMON MODE VOLTAGE (V)
–1
7
LT1218/19 • TPC06
1
3
5
50
25
0
–25
–50
0
2
4
6
TA = 25°C
TA = 85°C
TA = – 40°C
VS = 5V, 0V
TA = 25°C
TOTAL SUPPLY VOLTAGE (V)
1.0
200
150
100
50
0
–50
1.5
2.0
2.5
LT1218/19 • TPC05
3.5
3.0
4.0
4.5
5.0
TA = –40°C
TA = 25°C
TA = 85°C
LOAD CURRENT (mA)
0.001
0.001
0.1
10
0.1
0.01
10
LT1218/19 • TPC07
0.01
1
1
TA = 25°C
TA = 85°C
TA = –40°C
VS = 5V, 0V
Output Saturation Voltage vs
Load Current (Output Low)
0.1Hz to 10Hz Output
Voltage Noise
Output Saturation Voltage vs
Load Current (Output High)
LOAD CURRENT (mA)
0.001
0.001
0.1
10
0.1
0.01
10
LT1218/19 • TPC08
0.01
1
1
TA = 25°C
TA = 85°C
TA = –40°C
VS = 5V, 0V
TIME (1s/DIV)
LT1218/19 • TPC09
VS = ±2.5V
VCM = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com