Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1218CS8 Datasheet(PDF) 15 Page - Linear Technology

Part # LT1218CS8
Description  Precision Rail-to-Rail Input and Output Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1218CS8 Datasheet(HTML) 15 Page - Linear Technology

Back Button LT1218CS8 Datasheet HTML 8Page - Linear Technology LT1218CS8 Datasheet HTML 9Page - Linear Technology LT1218CS8 Datasheet HTML 10Page - Linear Technology LT1218CS8 Datasheet HTML 11Page - Linear Technology LT1218CS8 Datasheet HTML 12Page - Linear Technology LT1218CS8 Datasheet HTML 13Page - Linear Technology LT1218CS8 Datasheet HTML 14Page - Linear Technology LT1218CS8 Datasheet HTML 15Page - Linear Technology LT1218CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
LT1218/LT1219
TYPICAL APPLICATIONS
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
S8 Package
8-Lead Plastic Small Outline (Narrow 0.150)
(LTC DWG # 05-08-1610)
1
2
3
4
0.150 – 0.157**
(3.810 – 3.988)
8
7
6
5
0.189 – 0.197*
(4.801 – 5.004)
0.228 – 0.244
(5.791 – 6.197)
0.016 – 0.050
0.406 – 1.270
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
°– 8° TYP
0.008 – 0.010
(0.203 – 0.254)
SO8 0996
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
TYP
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**
Positive Supply Current Sense
+
–
LT1218
Q1
TP0610L
VO = (ILOAD)(RS)
R2
R1
()
= (ILOAD)(20Ω)
1218/19 • TA06
RS
0.2
Ω
LOAD
ILOAD
VCC
R1
200
Ω
R2
20k
VO
Dimensions in inches (millimeters) unless otherwise noted.
PACKAGE DESCRIPTION
N8 Package
8-Lead PDIP (Narrow 0.300)
(LTC DWG # 05-08-1510)
N8 0695
0.005
(0.127)
MIN
0.100
± 0.010
(2.540
± 0.254)
0.065
(1.651)
TYP
0.045 – 0.065
(1.143 – 1.651)
0.130
± 0.005
(3.302
± 0.127)
0.015
(0.380)
MIN
0.018
± 0.003
(0.457
± 0.076)
0.125
(3.175)
MIN
12
3
4
87
6
5
0.255
± 0.015*
(6.477
± 0.381)
0.400*
(10.160)
MAX
0.009 – 0.015
(0.229 – 0.381)
0.300 – 0.325
(7.620 – 8.255)
0.325
+0.025
–0.015
+0.635
–0.381
8.255
()
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.010 INCH (0.254mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com