Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL4148L Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # LL4148L
Description  500mW Hermetically Sealed Glass Fast Switching Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

LL4148L Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  LL4148L Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd LL4148L Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd LL4148L Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd LL4148L Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd LL4148L Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Small Signal Product
CREAT BY ART
(TA=25°C unless otherwise noted)
Document Number: DS_S1501007
Version: C15
LL4148L
Taiwan Semiconductor
RATINGS AND CHARACTERISTICS CURVES
0
100
200
300
0
100
200
IF (mA)
TS (oC)
Fig. 1 Maximum Permissible Continuous Forward Current
As A Function of Ambient Temperature
0
200
400
600
01
2
IF(mA)
VF (V)
Fig. 2 Forward Current As A Function of Forward Voltage
(2)
(3)
0.1
1
10
100
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
IFSM (A)
tp (us)
Fig. 3 Maximum Permissible Non-Repetitive Peak Forward Current As A Function of Pulse Duration
Based on square wave currents
Tj=25oC prior to surge
(1)
(1) Tj=175oC; typical values
(2) Tj=25oC ; typical values
(3) Tj=25oC; maximum values
Device mounted on an FR4 printed-circuit



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com