Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL4148L Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # LL4148L
Description  500mW Hermetically Sealed Glass Fast Switching Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

LL4148L Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  LL4148L Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd LL4148L Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd LL4148L Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd LL4148L Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd LL4148L Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Small Signal Product
CREAT BY ART
Document Number: DS_S1501007
Version: C15
LL4148L
Taiwan Semiconductor
0.01
0.1
1
10
100
1000
0
100
200
IR (uA)
TJ (oC)
Fig. 4 Reverse Current As A Function of
Junction Temperature
(1)
(2)
(3)
(1) VR=75V ; maximum values
(2) VR=75V ; typical values
(3) VR=20V ; typical values
0.4
0.6
0.8
1.0
1.2
010
20
Cd (pF)
VR (V)
Fig. 5 Diode Capacitance As A Function of
Reverse Voltage ; Typical Values
f = 1MHz ; Tj = 25oC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com